Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGB8207ANT4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NGB8207ANT4G
Description  Ignition IGBT 20 A, 365 V, N.Channel D2PAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGB8207ANT4G Datasheet(HTML) 1 Page - ON Semiconductor

  NGB8207ANT4G Datasheet HTML 1Page - ON Semiconductor NGB8207ANT4G Datasheet HTML 2Page - ON Semiconductor NGB8207ANT4G Datasheet HTML 3Page - ON Semiconductor NGB8207ANT4G Datasheet HTML 4Page - ON Semiconductor NGB8207ANT4G Datasheet HTML 5Page - ON Semiconductor NGB8207ANT4G Datasheet HTML 6Page - ON Semiconductor NGB8207ANT4G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2011
December, 2011 − Rev. 1
1
Publication Order Number:
NGB8207AN/D
NGB8207AN, NGB8207ABN
Ignition IGBT
20 A, 365 V, N−Channel D2PAK
This Logic Level Insulated Gate Bipolar Transistor (IGBT) features
monolithic circuitry integrating ESD and Overvoltage clamped
protection for use in inductive coil drivers applications. Primary uses
include Ignition, Direct Fuel Injection, or wherever high voltage and
high current switching is required.
Features
Ideal for Coil−on−Plug and Driver−on−Coil Applications
Gate−Emitter ESD Protection
Temperature Compensated Gate−Collector Voltage Clamp Limits
Stress Applied to Load
Integrated ESD Diode Protection
Low Threshold Voltage for Interfacing Power Loads to Logic or
Microprocessor Devices
Low Saturation Voltage
High Pulsed Current Capability
Minimum Avalanche Energy − 500 mJ
Gate Resistor (RG) = 70 W
This is a Pb−Free Device
Applications
Ignition Systems
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCES
365
V
Gate−Emitter Voltage
VGE
$15
V
Collector Current−Continuous
@ TC = 25°C − Pulsed
IC
20
50
ADC
AAC
Continuous Gate Current
IG
1.0
mA
Transient Gate Current (t ≤ 2 ms, f ≤ 100 Hz)
IG
20
mA
ESD (Charged−Device Model)
ESD
2.0
kV
ESD (Human Body Model)
R = 1500 W, C = 100 pF
ESD
8.0
kV
ESD (Machine Model) R = 0 W, C = 200 pF
ESD
500
V
Total Power Dissipation @ TC = 25°C
Derate above 25°C (Note 1)
PD
165
1.1
W
W/°C
Operating & Storage Temperature Range
TJ, Tstg
−55 to
+175
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Assuming infinite heatsink Case−to−Ambient
20 AMPS, 365 VOLTS
VCE(on) = 1.75 V
Typ @ IC = 10 A, VGE . 4.5 V
C
E
G
RG
RGE
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NGB8207ANT4G
D2PAK
(Pb−Free)
800 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
D2PAK
CASE 418B
STYLE 4
MARKING DIAGRAM
NGB
8207AxG
AYWW
1
Gate
3
Emitter
4
Collector
2
Collector
NGB8207Ax = Device Code
x = N or B
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
1
NGB8207ABNT4G
D2PAK
(Pb−Free)
800 / Tape & Reel


Similar Part No. - NGB8207ANT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGB8207ANT4G ONSEMI-NGB8207ANT4G Datasheet
153Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
July, 2009 ??Rev. 0
More results

Similar Description - NGB8207ANT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGB8207N ONSEMI-NGB8207N_11 Datasheet
132Kb / 7P
   Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1
NGB8206N ONSEMI-NGB8206N_11 Datasheet
130Kb / 8P
   Ignition IGBT 20 A, 350 V, N.Channel D2PAK
February, 2012 ??Rev. 9
NGB8202N ONSEMI-NGB8202N_11 Datasheet
124Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel D2PAK
February, 2012 ??Rev. 7
NGB8245N ONSEMI-NGB8245N Datasheet
122Kb / 7P
   Ignition IGBT 20 A, 450 V, N.Channel D2PAK
September, 2012 ??Rev. 2
NGB8207N ONSEMI-NGB8207N Datasheet
91Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
January, 2007 ??Rev. 0
NGB8207AN ONSEMI-NGB8207AN Datasheet
153Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
July, 2009 ??Rev. 0
NGD8201N ONSEMI-NGD8201N_12 Datasheet
125Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel DPAK
February, 2012 ??Rev. 10
NGD15N41CL ONSEMI-NGD15N41CL_11 Datasheet
147Kb / 11P
   Ignition IGBT 15 A, 410 V N.Channel DPAK, D2PAK and TO.220
December, 2011 ??Rev. 8
NGB8206N ONSEMI-NGB8206N Datasheet
118Kb / 7P
   Ignition IGBT 20 A, 350 V, N?묬hannel D2PAK
August, 2006 ??Rev. 6
NGD18N40CLB ONSEMI-NGD18N40CLB_12 Datasheet
128Kb / 8P
   Ignition IGBT, 18 A, 400 V N.Channel DPAK
December, 2011 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com