Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGB8207N Datasheet(PDF) 5 Page - ON Semiconductor

Part # NGB8207N
Description  Ignition IGBT 20 A, 365 V, N.Channel D2PAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGB8207N Datasheet(HTML) 5 Page - ON Semiconductor

  NGB8207N_11 Datasheet HTML 1Page - ON Semiconductor NGB8207N_11 Datasheet HTML 2Page - ON Semiconductor NGB8207N_11 Datasheet HTML 3Page - ON Semiconductor NGB8207N_11 Datasheet HTML 4Page - ON Semiconductor NGB8207N_11 Datasheet HTML 5Page - ON Semiconductor NGB8207N_11 Datasheet HTML 6Page - ON Semiconductor NGB8207N_11 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NGB8207N, NGB8207BN
http://onsemi.com
5
TYPICAL ELECTRICAL CHARACTERISTICS
6.0 V
6.5 V
10 V
5.0 V
TJ, JUNCTION TEMPERATURE (°C)
−50
75
100
25
0
125
−25
175
1000
1
100,000
10,000
60
40
30
20
0
Figure 7. On−Region Characteristics
@ TJ = 1755C
Figure 8. Transfer Characteristics
Figure 9. Collector−to−Emitter Leakage
Current vs. Temperature
Figure 10. Gate Threshold Voltage vs.
Temperature
VGE, GATE−TO−EMITTER VOLTAGE (V)
3.0
2.0
5.0
6.0
4.0
10
50
150
10
100
2.0
1.75
1.25
1.0
0.5
TJ, JUNCTION TEMPERATURE (°C)
−50
75
0
175
25
100
0.75
1.0
VCE ≥ 5.0 V
50
5.5 V
VGE = 2.0 V
40
10
2
0
60
20
30
50
10
13
5
7
VCE, COLLECTOR−TO−EMITTER VOLTAGE (V)
06
48
9
TJ = 175°C
TJ = 25°C
TJ = −40°C
VCE = −24 V
VCE = 320 V
1.5
−25
50
125 150
MEAN + 4s
MEAN − 4s
MEAN
1
0.1
10
100
Figure 11. Capacitance Variation
Figure 12. Resistive Switching Time Variation
vs. Temperature
TEMPERATURE (°C)
50
75
25
100
175
150
125
100
10
1
1000
10,000
COLLECTOR−TO−EMITTER VOLTAGE (V)
40
20
100
200
140
0
120
TJ = 25°C
VGE = 0 V
td(on)
VCC = 300 V
VGE = 5.0 V
RG = 1000 W
IC = 10 A
80
60
160 180
Ciss
Coss
Crss
td(off)
tf
tr


Similar Part No. - NGB8207N_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGB8207NT4G ONSEMI-NGB8207NT4G Datasheet
91Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
January, 2007 ??Rev. 0
More results

Similar Description - NGB8207N_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGB8207AN ONSEMI-NGB8207AN_11 Datasheet
125Kb / 7P
   Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1
NGB8206N ONSEMI-NGB8206N_11 Datasheet
130Kb / 8P
   Ignition IGBT 20 A, 350 V, N.Channel D2PAK
February, 2012 ??Rev. 9
NGB8202N ONSEMI-NGB8202N_11 Datasheet
124Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel D2PAK
February, 2012 ??Rev. 7
NGB8245N ONSEMI-NGB8245N Datasheet
122Kb / 7P
   Ignition IGBT 20 A, 450 V, N.Channel D2PAK
September, 2012 ??Rev. 2
NGB8207N ONSEMI-NGB8207N Datasheet
91Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
January, 2007 ??Rev. 0
NGB8207AN ONSEMI-NGB8207AN Datasheet
153Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
July, 2009 ??Rev. 0
NGD8201N ONSEMI-NGD8201N_12 Datasheet
125Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel DPAK
February, 2012 ??Rev. 10
NGD15N41CL ONSEMI-NGD15N41CL_11 Datasheet
147Kb / 11P
   Ignition IGBT 15 A, 410 V N.Channel DPAK, D2PAK and TO.220
December, 2011 ??Rev. 8
NGB8206N ONSEMI-NGB8206N Datasheet
118Kb / 7P
   Ignition IGBT 20 A, 350 V, N?묬hannel D2PAK
August, 2006 ??Rev. 6
NGD18N40CLB ONSEMI-NGD18N40CLB_12 Datasheet
128Kb / 8P
   Ignition IGBT, 18 A, 400 V N.Channel DPAK
December, 2011 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com