Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGB8204ANT4G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NGB8204ANT4G
Description  Ignition IGBT 18 Amps, 400 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGB8204ANT4G Datasheet(HTML) 2 Page - ON Semiconductor

  NGB8204ANT4G Datasheet HTML 1Page - ON Semiconductor NGB8204ANT4G Datasheet HTML 2Page - ON Semiconductor NGB8204ANT4G Datasheet HTML 3Page - ON Semiconductor NGB8204ANT4G Datasheet HTML 4Page - ON Semiconductor NGB8204ANT4G Datasheet HTML 5Page - ON Semiconductor NGB8204ANT4G Datasheet HTML 6Page - ON Semiconductor NGB8204ANT4G Datasheet HTML 7Page - ON Semiconductor NGB8204ANT4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NGB8204N, NGB8204AN
http://onsemi.com
2
UNCLAMPED COLLECTOR−TO−EMITTER AVALANCHE CHARACTERISTICS (−55° ≤ TJ ≤ 175°C)
Characteristic
Symbol
Value
Unit
Single Pulse Collector−to−Emitter Avalanche Energy
VCC = 50 V, VGE = 5.0 V, Pk IL = 21.1 A, L = 1.8 mH, Starting TJ = 25°C
VCC = 50 V, VGE = 5.0 V, Pk IL = 18.3 A, L = 1.8 mH, Starting TJ = 125°C
EAS
400
300
mJ
Reverse Avalanche Energy
VCC = 100 V, VGE = 20 V, Pk IL = 25.8 A, L = 6.0 mH, Starting TJ = 25°C
EAS(R)
2000
mJ
MAXIMUM SHORT−CIRCUIT TIMES (−55°C ≤ TJ ≤ 150°C)
Short Circuit Withstand Time 1 (See Figure 17, 3 Pulses with 10 ms Period)
tsc1
750
ms
Short Circuit Withstand Time 2 (See Figure 18, 3 Pulses with 10 ms Period)
tsc2
5.0
ms
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction−to−Case
RqJC
1.3
°C/W
Thermal Resistance, Junction−to−Ambient
D2PAK (Note 1)
RqJA
50
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8″ from case for 5 seconds (Note 2)
TL
275
°C
1. When surface mounted to an FR4 board using the minimum recommended pad size.
2. For further details, see Soldering and Mounting Techniques Reference Manua, SOLDERRM/D.
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Test Conditions
Temperature
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Clamp Voltage
BVCES
IC = 2.0 mA
TJ = −40°C to 150°C
380
395
420
VDC
IC = 10 mA
TJ = −40°C to 150°C
390
405
430
Zero Gate Voltage Collector Current
ICES
VCE = 350 V,
VGE = 0 V
TJ = 25°C
2.0
10
mADC
TJ = 150°C
10
40*
TJ = −40°C
1.0
10
Reverse Collector−Emitter Leakage
Current
IECS
VCE = −24 V
TJ = 25°C
0.7
1.0
mA
TJ = 150°C
12
25*
TJ = −40°C
0.1
1.0
Reverse Collector−Emitter Clamp
Voltage
BVCES(R)
IC = −75 mA
TJ = 25°C
27
33
37
VDC
TJ = 150°C
30
36
40
TJ = −40°C
25
32
35
Gate−Emitter Clamp Voltage
BVGES
IG = 5.0 mA
TJ = −40°C to 150°C
11
13
15
VDC
Gate−Emitter Leakage Current
IGES
VGE = 10 V
TJ = −40°C to 150°C
384
640
700
mADC
Gate Emitter Resistor
RGE
TJ = −40°C to 150°C
10
16
26
kW
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGE(th)
IC = 1.0 mA,
VGE = VCE
TJ = 25°C
1.1
1.4
1.9
VDC
TJ = 150°C
0.75
1.0
1.4
TJ = −40°C
1.2
1.6
2.1*
Threshold Temperature Coefficient
(Negative)
3.4
mV/°C
*Maximum Value of Characteristic across Temperature Range.
3. Pulse Test: Pulse Width v 300 mS, Duty Cycle v 2%.


Similar Part No. - NGB8204ANT4G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NGB8204AN LITTELFUSE-NGB8204AN Datasheet
250Kb / 8P
   Integrated ESD Diode Protection
More results

Similar Description - NGB8204ANT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGD18N40CLB ONSEMI-NGD18N40CLB Datasheet
152Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
May, 2006 ??Rev. 7
NGB8204N ONSEMI-NGB8204N Datasheet
150Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
August, 2006 ??Rev. 3
NGB18N40CLBT4 ONSEMI-NGB18N40CLBT4_06 Datasheet
87Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
May, 2006 ??Rev. 3
NGB18N40CLB ONSEMI-NGB18N40CLB Datasheet
126Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
December, 2011 ??Rev. 4
NGD18N40CLBT4 ONSEMI-NGD18N40CLBT4 Datasheet
70Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
November, 2003 ??Rev. 5
NGD18N45CLB ONSEMI-NGD18N45CLB Datasheet
105Kb / 8P
   Ignition IGBT 18 Amps, 450 Volts N−Channel DPAK
June, 2016 - Rev. 1
NGD15N41CL ONSEMI-NGD15N41CL Datasheet
167Kb / 11P
   Ignition IGBT 15 Amps, 410 Volts
May, 2006 ??Rev. 7
MGB15N40CL ONSEMI-MGB15N40CL Datasheet
81Kb / 12P
   Ignition IGBT 15 Amps, 410 Volts
April, 2002 ??Rev. 7
NGD15N41CLT4 ONSEMI-NGD15N41CLT4 Datasheet
94Kb / 12P
   Ignition IGBT 15 Amps, 410 Volts
March, 2004 ??Rev. 5
logo
Littelfuse
LGB8204ATH LITTELFUSE-LGB8204ATH Datasheet
472Kb / 10P
   400 V, 18 A N-Channel Ignition IGBT
3/16/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com