Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXA2511AQ Datasheet(PDF) 4 Page - Sony Corporation

Part No. CXA2511AQ
Description  Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

CXA2511AQ Datasheet(HTML) 4 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
– 4 –
CXA2511AQ
7
24
LINEOUT1
LINEOUT2
O
Line output
4.0V
–6dBm
8
23
TCH1
TCH2
Time constant for
the HLS
0.3V
9
22
TCL1
TCL2
Time constant for
the LLS
0.3V
10
11
G2FB
G1FB
Music signal
interval detection
level setting
4.0V
13
DGND
Logic ground
(Connect to GND.)
0.0V
7
24
GND
200
200
Vcc
22.5k
147
23
GND
36k
330k
Vcc
147
8
22
GND
13.5k
480k
Vcc
147
9
11
GND
500
Vcc
147
10
500
Pin
No.
Symbol
Typical pin voltage
I/O
I/O
resistance
Equivalent circuit
Description
DC
AC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn