Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIC779 Datasheet(PDF) 16 Page - Vishay Siliconix

Part # SIC779
Description  Integrated DrMOS Power Stage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC779 Datasheet(HTML) 16 Page - Vishay Siliconix

Back Button SIC779_12 Datasheet HTML 9Page - Vishay Siliconix SIC779_12 Datasheet HTML 10Page - Vishay Siliconix SIC779_12 Datasheet HTML 11Page - Vishay Siliconix SIC779_12 Datasheet HTML 12Page - Vishay Siliconix SIC779_12 Datasheet HTML 13Page - Vishay Siliconix SIC779_12 Datasheet HTML 14Page - Vishay Siliconix SIC779_12 Datasheet HTML 15Page - Vishay Siliconix SIC779_12 Datasheet HTML 16Page - Vishay Siliconix SIC779_12 Datasheet HTML 17Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Document Number: 64846
www.vishay.com
04-May-09
1
Package Information
Vishay Siliconix
PowerPAK® MLP66-40 CASE OUTLINE
Notes
1. Use millimeters as the primary measurement
2. Dimensioning and tolerances conform to ASME Y14.5M. - 1994
3. N is the number of terminals. Nd is the number of terminals in X-direction and Ne is the number of terminals in Y-direction
4. Dimension b applies to plated terminal and is measured between 0.20 mm and 0.25 mm from terminal tip
5. The pin #1 identifier must be existed on the top surface of the package by using indentation mark or other feature of package body
6. Exact shape and size of this feature is optional
7. Package warpage max. 0.08 mm
8. Applied only for terminals
40
1
2 x
2 x
Pin 1 dot
by marking
MLP66-40
(6 mm x 6 mm)
10
11
20
21
30
31
56
Top View
Bottom View
Side View
A
B
C
D
0.10 C B
0.10 C A
A
0.08 C
A1
A2
0.41
K2
K1
D2-1
Pin #1 dent
D2-3
D2-2
(Nd-1)X e
ref.
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A (8)
0.70
0.75
0.80
0.027
0.029
0.031
A1
0.00
-
0.05
0.000
-
0.002
A2
0.20 ref.
0.008 ref.
b (4)
0.20
0.25
0.30
0.078
0.098
0.011
D
6.00 BSC
0.236 BSC
e
0.50 BSC
0.019 BSC
E
6.00 BSC
0.236 BSC
L
0.35
0.40
0.45
0.013
0.015
0.017
N (3)
40
40
Nd (3)
10
10
Ne (3)
10
10
D2-1
1.45
1.50
1.55
0.057
0.059
0.061
D2-2
1.45
1.50
1.55
0.057
0.059
0.061
D2-3
2.35
2.40
2.45
0.095
0.094
0.096
E2-1
4.35
4.40
4.45
0.171
0.173
0.175
E2-2
1.95
2.00
2.05
0.076
0.078
0.080
E2-3
1.95
2.00
2.05
0.076
0.078
0.080
K1
0.73 BSC
0.028 BSC
K2
0.21 BSC
0.008 BSC
ECN: T09-0195-Rev. A, 04-May-09
DWG: 5986


Similar Part No. - SIC779_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SiC779CD-T1-GE3 VISHAY-SiC779CD-T1-GE3 Datasheet
372Kb / 17P
   Integrated DrMOS Power Stage
Rev. B, 18-Apr-11
SIC779CD-T1-GE3 VISHAY-SIC779CD-T1-GE3 Datasheet
378Kb / 17P
   Integrated DrMOS Power Stage
08-Feb-17
SiC779DB VISHAY-SiC779DB Datasheet
372Kb / 17P
   Integrated DrMOS Power Stage
Rev. B, 18-Apr-11
SIC779DB VISHAY-SIC779DB Datasheet
378Kb / 17P
   Integrated DrMOS Power Stage
08-Feb-17
SIC779 VISHAY-SIC779_V01 Datasheet
378Kb / 17P
   Integrated DrMOS Power Stage
08-Feb-17
More results

Similar Description - SIC779_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC780 VISHAY-SIC780 Datasheet
343Kb / 14P
   Integrated DrMOS Power Stage
Rev. B, 21-May-12
SIC770CD VISHAY-SIC770CD Datasheet
450Kb / 13P
   DrMOS Integrated Power Stage
Rev. A, 27-May-13
SIC780 VISHAY-SIC780_V01 Datasheet
319Kb / 14P
   Integrated DrMOS Power Stage
08-Feb-17
SIC772CD VISHAY-SIC772CD Datasheet
303Kb / 13P
   DrMOS Integrated Power Stage
Rev. B, 10-Jun-13
SIC769 VISHAY-SIC769 Datasheet
380Kb / 18P
   Integrated DrMOS Power Stage
Rev. F, 16-May-11
SIC779 VISHAY-SIC779 Datasheet
372Kb / 17P
   Integrated DrMOS Power Stage
Rev. B, 18-Apr-11
SIC769AC VISHAY-SIC769AC Datasheet
543Kb / 19P
   Integrated DrMOS Power Stage
Rev. B, 18-Jan-10
SIC762CD VISHAY-SIC762CD_V01 Datasheet
548Kb / 18P
   Integrated DrMOS Power Stage
08-Feb-17
SIC779 VISHAY-SIC779_V01 Datasheet
378Kb / 17P
   Integrated DrMOS Power Stage
08-Feb-17
SIC769ACD VISHAY-SIC769ACD_V01 Datasheet
543Kb / 19P
   Integrated DrMOS Power Stage
08-Feb-17
SIC762CD VISHAY-SIC762CD Datasheet
542Kb / 18P
   Integrated DrMOS Power Stage
Rev. A, 08-Feb-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com