Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2509 Datasheet(PDF) 4 Page - Sony Corporation

Part # CXA2509
Description  Playback Equalizer Amplifier with Music Sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2509 Datasheet(HTML) 4 Page - Sony Corporation

  CXA2509 Datasheet HTML 1Page - Sony Corporation CXA2509 Datasheet HTML 2Page - Sony Corporation CXA2509 Datasheet HTML 3Page - Sony Corporation CXA2509 Datasheet HTML 4Page - Sony Corporation CXA2509 Datasheet HTML 5Page - Sony Corporation CXA2509 Datasheet HTML 6Page - Sony Corporation CXA2509 Datasheet HTML 7Page - Sony Corporation CXA2509 Datasheet HTML 8Page - Sony Corporation CXA2509 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
– 4 –
CXA2509AQ
7
24
LINEOUT1
LINEOUT2
O
Line output
4.0V
–6dBm
10
11
G2FB
G1FB
——
Music signal
interval detection
level setting
4.0V
12
MSTC
Time constant for
detecting the
music signal
interval
——
13
DGND
Logic ground
(Connect to GND.)
0.0V
7
24
GND
200
200
Vcc
22.5k
147
11
GND
500
Vcc
147
10
500
12
GND
147
10k
Vcc
DGND
853
14
MSOUT
O
Music sensor
output
0.2V
when a
signal is
detected;
DVcc
when no
signal is
detected
GND
Vcc
DGND
14
DVcc
100k
Pin
No.
Symbol
Typical pin voltage
I/O
I/O
resistance
Equivalent circuit
Description
DC
AC


Similar Part No. - CXA2509

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2500 SONY-CXA2500 Datasheet
220Kb / 11P
   Dual REC/PB Preamplifier
CXA2500M SONY-CXA2500M Datasheet
220Kb / 11P
   Dual REC/PB Preamplifier
CXA2500N SONY-CXA2500N Datasheet
220Kb / 11P
   Dual REC/PB Preamplifier
CXA2502 SONY-CXA2502 Datasheet
209Kb / 11P
   Dolby B-C Type Noise Reduction System for Playback
CXA2502M SONY-CXA2502M Datasheet
209Kb / 11P
   Dolby B-C Type Noise Reduction System for Playback
More results

Similar Description - CXA2509

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2559Q SONY-CXA2559Q Datasheet
300Kb / 19P
   Playback Equalizer Amplifier with Music Sensor
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
   Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1998AQ SONY-CXA1998AQ Datasheet
695Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1498S SONY-CXA1498S Datasheet
378Kb / 13P
   Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com