Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2509AQ Datasheet(PDF) 7 Page - Sony Corporation

Part # CXA2509AQ
Description  Playback Equalizer Amplifier with Music Sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2509AQ Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA2509AQ Datasheet HTML 3Page - Sony Corporation CXA2509AQ Datasheet HTML 4Page - Sony Corporation CXA2509AQ Datasheet HTML 5Page - Sony Corporation CXA2509AQ Datasheet HTML 6Page - Sony Corporation CXA2509AQ Datasheet HTML 7Page - Sony Corporation CXA2509AQ Datasheet HTML 8Page - Sony Corporation CXA2509AQ Datasheet HTML 9Page - Sony Corporation CXA2509AQ Datasheet HTML 10Page - Sony Corporation CXA2509AQ Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
– 7 –
CXA2509AQ
35
VCT
O
Center (VCC/2
output)
4.0V
35
GND
45k
Vcc
147
× 1
30k
30k
VGS
36
PBGND
Playback
equalizer amplifier
ground (Connect
to ground.)
0.0V
8
9
15
16
22
23
NC
No connected
Pin
No.
Symbol
Typical pin voltage
I/O
I/O
resistance
Equivalent circuit
Description
DC
AC


Similar Part No. - CXA2509AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2500 SONY-CXA2500 Datasheet
220Kb / 11P
   Dual REC/PB Preamplifier
CXA2500M SONY-CXA2500M Datasheet
220Kb / 11P
   Dual REC/PB Preamplifier
CXA2500N SONY-CXA2500N Datasheet
220Kb / 11P
   Dual REC/PB Preamplifier
CXA2502 SONY-CXA2502 Datasheet
209Kb / 11P
   Dolby B-C Type Noise Reduction System for Playback
CXA2502M SONY-CXA2502M Datasheet
209Kb / 11P
   Dolby B-C Type Noise Reduction System for Playback
More results

Similar Description - CXA2509AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2559Q SONY-CXA2559Q Datasheet
300Kb / 19P
   Playback Equalizer Amplifier with Music Sensor
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
   Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1998AQ SONY-CXA1998AQ Datasheet
695Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1498S SONY-CXA1498S Datasheet
378Kb / 13P
   Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com