Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGJ5E2X7R1A101J Datasheet(PDF) 7 Page - TDK Electronics

Part # CGJ5E2X7R1A101J
Description  CGJ series l High Reliability Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGJ5E2X7R1A101J Datasheet(HTML) 7 Page - TDK Electronics

Back Button CGJ5E2X7R1A101J Datasheet HTML 3Page - TDK Electronics CGJ5E2X7R1A101J Datasheet HTML 4Page - TDK Electronics CGJ5E2X7R1A101J Datasheet HTML 5Page - TDK Electronics CGJ5E2X7R1A101J Datasheet HTML 6Page - TDK Electronics CGJ5E2X7R1A101J Datasheet HTML 7Page - TDK Electronics CGJ5E2X7R1A101J Datasheet HTML 8Page - TDK Electronics CGJ5E2X7R1A101J Datasheet HTML 9Page - TDK Electronics CGJ5E2X7R1A101J Datasheet HTML 10Page - TDK Electronics CGJ5E2X7R1A101J Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TDK
• 7
TDK MLCC Presentation
CGA series
CGJ series l High Reliability Series - Cap Range -
 Reliability tests based on MIL-STD requirements
 Qualified to AEC-Q200
 Manufactured using matured process for guaranteed performance
 0402 ~ 1206 / C0G, X7R
 6.3V ~ 50V / up to 10uF
Cap Rang e:
C series
- General Application -
Ca p a c ita nc e Ra ng e
50V
630V
C series
- Mid Voltage -
100uF
AEC Q-200
CGJ series
Ca p a c ita nc e Ra ng e
50V
630V
100uF
47uF
10uF
Select MIL-STD


Similar Part No. - CGJ5E2X7R1A101J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ5E2X7R1A102JTXXXX TDK-CGJ5E2X7R1A102JTXXXX Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
CGJ5E2X7R1A102KTXXXX TDK-CGJ5E2X7R1A102KTXXXX Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
CGJ5E2X7R1A102MTXXXX TDK-CGJ5E2X7R1A102MTXXXX Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
CGJ5E2X7R1A105JTXXXX TDK-CGJ5E2X7R1A105JTXXXX Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
CGJ5E2X7R1A105KTXXXX TDK-CGJ5E2X7R1A105KTXXXX Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
More results

Similar Description - CGJ5E2X7R1A101J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
J5L2X7R1A106K160AA TDK-J5L2X7R1A106K160AA Datasheet
1Mb / 11P
   CGJ Series High Reliability Grade General (Up to 50V)
CGHJ5L2X7R1A106KTXXXX TDK-CGHJ5L2X7R1A106KTXXXX Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
CGJ2B2C0G1H101J TDK-CGJ2B2C0G1H101J Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
logo
Rohm
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
logo
TRIAD MAGNETICS
SP-5 TRIAD-SP-5 Datasheet
159Kb / 1P
   High Reliability : Red Spec Series
SP-20 TRIAD-SP-20 Datasheet
161Kb / 1P
   High Reliability : Red Spec Series
SP-29 TRIAD-SP-29 Datasheet
159Kb / 1P
   High Reliability : Red Spec Series
SP-48 TRIAD-SP-48_13 Datasheet
162Kb / 1P
   High Reliability : Red Spec Series
SP-67 TRIAD-SP-67_13 Datasheet
161Kb / 1P
   High Reliability : Red Spec Series
SP-22 TRIAD-SP-22 Datasheet
160Kb / 1P
   High Reliability : Red Spec Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com