Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3170E-79E Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL3170E-79E
Description  Add a Loss of Signal (LOS) Indicator to Your RS-485 or RS-422 Transceiver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3170E-79E Datasheet(HTML) 2 Page - Intersil Corporation

  ISL3170E-79E Datasheet HTML 1Page - Intersil Corporation ISL3170E-79E Datasheet HTML 2Page - Intersil Corporation ISL3170E-79E Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Application Note 1593
2
AN1593.0
February 1, 2011
Using Full-Failsafe Receivers for
LOS Detection
This full-failsafe feature can be exploited to detect the LOS bus
condition. The advantage of using full failsafe receivers for LOS
detection is that the VID=0V condition is now a valid input
condition. If the network is set up so that a LOS causes the
VID=0V condition, then the full-failsafe function can be utilized to
detect the LOS.
Adding an Additional Full-Failsafe Rx Allows
LOS Detection
Figure 2 illustrates circuitry that can implement an LOS detection
function. The transceiver block can be any RS-422 or RS-485 IC
with a full-failsafe Rx (see Table 1 for a list of Intersil full-failsafe
Rx devices), and at least one termination resistor (RT) is required
to collapse the bus voltage when the bus is not actively driven.
Adding a second full-failsafe Rx - with its inputs connected
opposite to those of the primary Rx - enables the LOS circuit to
distinguish between the VID=0V bus state and the normal Data =
1 bus state. When the bus is actively driven, RXD and RXD will be
in opposite states (see Figure 3). The only time that RXD and RXD
are in the same state is when the bus voltage is 0V, because both
Rx interpret this as a logic high input. ANDing the two Rx outputs
yields an active high LOS signal (see Figure 4). Propagation delay
differences (skews) between the transceiver Rx and the
secondary Rx may cause glitches on the LOS signal. Adding a low
pass filter (RF and CF in Figure 2) filters out these glitches.
A good choice for the secondary Rx is the ISL3280E. It is a single
Rx in a micro package (5 Ld SOT-23), has the required
full-failsafe function, operates up to 20Mbps, and features
IEC61000-4-2 ESD levels. Additionally, the 3V-5V supply range,
and the -40°C to 125°C operating temperature range allow for
the ISL3280Es use in most RS-485 and RS-422 applications.
Los Detect May Not Work For All Rx
Even if present at each full-failsafe Rx node, the LOS detect
circuit may not properly indicate all the possible LOS conditions.
As previously mentioned, a termination resistor is required to
force the VID=0V condition that indicates a LOS. Unfortunately,
the RS-422 Standard allows only one termination resistor on the
bus, and the RS-485 Standard allows only two. Thus, only one or
two of the LOS detectors can have the termination resistors. This
is fine for the case where a multi-drop (only one driver on network
with multiple receivers) network loses power to the driver, as the
one termination resistor forces the VID=0V on the whole bus, and
thus on each Rx input. But if an Rx without the termination
resistor becomes disconnected from the bus, its VID may not be
0V, so the LOS circuit may not indicate the LOS condition. A
possible solution is to include a larger value (e.g., 1kΩ) resistor
across the inputs of the all Rx that don’t have termination
resistors. Whether or not this is acceptable depends on the
transceiver family used, the criticality of the termination
resistance value (slow, slew rate limited transceivers aren’t as
termination sensitive), and the number of nodes on the network.
Multi-point systems offer another challenge. As mentioned
previously, there are multiple drivers on the bus, so there are
periods of inactivity when one driver disables before another
enables. If the idle period is long enough, the bus voltage might
collapse to 0V, causing the LOS to momentarily activate. If this is
a problem, then the user might have to implement a timing
circuit to ensure that the LOS signal has been active long enough
to indicate a real LOS condition.
D
R
RT
RO
D I
RXD
A/Y
B/Z
A
B
LOS
RO
R
RXD
FIGURE 2. LOS DETECTION CIRCUIT
ISL3280E
RF
CF
+
-
VBUS
FIGURE 3. Rx OUTPUT VOLTAGES RELATIVE TO THE BUS VOLTAGE
TIME (1µs/DIV)
0
1
2
3
4
5
-4
-2
0
2
4
VBUS
RXD
RXD
FIGURE 4. AND GATE OUTPUT AND FILTERED LOS INDICATOR
SIGNAL
TIME (1µs/DIV)
0
1
2
3
4
5
0
1
2
3
4
5
LOS
AND
RXD
RXD


Similar Part No. - ISL3170E-79E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E Datasheet
802Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3170E RENESAS-ISL3170E Datasheet
1Mb / 24P
   ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Rev.6.05 Sep 29, 2023
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E Datasheet
795Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3170E INTERSIL-ISL3170E Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
ISL3170E INTERSIL-ISL3170E Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
More results

Similar Description - ISL3170E-79E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
Texas Instruments
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
logo
STMicroelectronics
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
National Semiconductor ...
DS96176 NSC-DS96176 Datasheet
344Kb / 12P
   RS-485/RS-422 Differential Bus Transceiver
logo
STMicroelectronics
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
   Low power RS-485/RS-422 transceiver
November 2007 Rev 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com