Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28227 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL28227
Description  Intersil?셲 Solutions for Industrial Process Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28227 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL28227 Datasheet HTML 3Page - Intersil Corporation ISL28227 Datasheet HTML 4Page - Intersil Corporation ISL28227 Datasheet HTML 5Page - Intersil Corporation ISL28227 Datasheet HTML 6Page - Intersil Corporation ISL28227 Datasheet HTML 7Page - Intersil Corporation ISL28227 Datasheet HTML 8Page - Intersil Corporation ISL28227 Datasheet HTML 9Page - Intersil Corporation ISL28227 Datasheet HTML 10Page - Intersil Corporation ISL28227 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS
PLC
www.intersil.com/industrial_process_control | 7
Analog Input
Analog Output
Control
Sensors
Power
Single-Ended PWM Controller: ISL6844
Linear Regulator: ISL78307
Single Ended Controller
for Positive and Negative
Isolated Supplies
40V, Low Quiescent
Current, 50mA Linear
Regulator
• 1A MOSFET Gate Driver
• 60μA Start-up Current, 100μA Maximum
• 25ns Propagation Delay Current Sense to Output
• Fast Transient Response with Peak Current Mode Control
• Adjustable Switching Frequency to 2MHz
• 20ns Rise and Fall Times with 1nF Output Load
• Trimmed Timing Capacitor Discharge Current for Accurate
Deadtime/Maximum Duty Cycle Control
• High Bandwidth Error Amplifier
• Tight Tolerance Voltage Reference Over Line, Load, and
Temperature
• Tight Tolerance Current Limit Threshold
• Pb-Free Available (RoHS Compliant)
• 18μA Typical Quiescent Current
• Guaranteed 50mA Output Current
• 1.8μA of Typical Shutdown Current
• Low Dropout Voltage of 120mV at 50mA
• Fixed +3.3V, +5.0V and Adjustable Output Voltage Options
• Thermal Shutdown and Current Limit Protection
• -40°C to +125°C Operating Temperature Range
• Thermally Enhanced 8 Ld Exposed Pad SOIC Package
• 6kV ESD HBM Rated
Key Features
Key Features
Tight Tolerance Voltage Reference Over Line, Load, and
Temperature
High Input Voltage (VIN = 40V)
Low Quiescent Current (Iq = 18µA)
Isolated HV Dual Power Supply
Evalboard
Available!
Evalboard
Available!
IN
OUT
EN
(ISL78307)
ADJ
GND
CIN
0.1µF
COUT
10µF
R1
R2
VIN
V
V
4
1
=
OUT = 12V
0
10
20
30
40
50
60
70
-50
0
50
100
150
TEMPERATURE (°C)
LOAD = 0mA
LOAD = 50mA
TEMPERATURE (°C)
1.001
1.000
0.999
0.998
0.997
0.996
0.995
-40 -25 -10
5
20 35 50 65 80 95 110
+15V
-15V
D1
D2
COUT1
COUT2
VIN
CIN
CS
RS
DS
VIN
OUT
GND
FB
VDD
CS
RSENSE
ISL6844
1
n
n
n
VREG
CAUX
Refer to application note AN1612 to generate
positive and negative isolated supplies.


Similar Part No. - ISL28227

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28227 INTERSIL-ISL28227 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28227 INTERSIL-ISL28227 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28227 INTERSIL-ISL28227 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28227 INTERSIL-ISL28227 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28227 RENESAS-ISL28227 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results

Similar Description - ISL28227

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
Panasonic Semiconductor
BR2032-F2N PANASONIC-BR2032-F2N Datasheet
104Kb / 4P
   INDUSTRIAL SOLUTIONS
logo
PANDUIT CORP.
T12F-C PANDUIT-T12F-C Datasheet
421Kb / 6P
   Industrial Electrical Solutions
logo
Exar Corporation
XRP7713 EXAR-XRP7713 Datasheet
2Mb / 6P
   Exar?셲 PowerXR D igital Power Solutions
logo
Bel Fuse Inc.
LDT481 BEL-LDT481 Datasheet
660Kb / 4P
   Process Control
logo
AVX Corporation
00-9286 AVX-00-9286 Datasheet
529Kb / 5P
   Industrial/Machine Control; motors, solenoids, PLC?셲, pumps, valves, sensors, fans?
logo
Vicor Corporation
V24C12H100B VICOR-V24C12H100B Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V24C28T100BG VICOR-V24C28T100BG Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V28C5T50BL VICOR-V28C5T50BL Datasheet
769Kb / 11P
   Industrial and process control, distributed power, medical, ATE, communications,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com