Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV887000D1R2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV887000D1R2G
Description  Automotive Grade Non-Synchronous Boost Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV887000D1R2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCV887000D1R2G Datasheet HTML 1Page - ON Semiconductor NCV887000D1R2G Datasheet HTML 2Page - ON Semiconductor NCV887000D1R2G Datasheet HTML 3Page - ON Semiconductor NCV887000D1R2G Datasheet HTML 4Page - ON Semiconductor NCV887000D1R2G Datasheet HTML 5Page - ON Semiconductor NCV887000D1R2G Datasheet HTML 6Page - ON Semiconductor NCV887000D1R2G Datasheet HTML 7Page - ON Semiconductor NCV887000D1R2G Datasheet HTML 8Page - ON Semiconductor NCV887000D1R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NCV8870
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (−40°C < TJ < 150°C, 3.2 V < VIN < 40 V, unless otherwise specified) Min/Max values are
guaranteed by test, design or statistical correlation.
Characteristic
Unit
Max
Typ
Min
Conditions
Symbol
VOLTAGE ERROR OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
Transconductance
gm,vea
VFB – Vref = ± 20 mV
0.8
1.2
1.5
mS
VEA output resistance
Ro,vea
2.0
MW
VFB input bias current
Ivfb,bias
Current out of VFB pin
0.5
2.0
mA
Reference voltage
Vref
1.176
1.200
1.224
V
VEA maximum output voltage
Vc,max
2.5
V
VEA minimum output voltage
Vc,min
0.3
V
VEA sourcing current
Isrc,vea
VEA output current, Vc = 2.0 V
80
100
mA
VEA sinking current
Isnk,vea
VEA output current, Vc = 0.7 V
80
100
mA
GATE DRIVER
Sourcing current
Isrc
VDRV ≥ 6 V, VDRV − VGDRV = 2 V
NCV887000
NCV887001
600
600
800
800
mA
Sinking current
Isink
VGDRV ≥ 2 V
NCV887000
NCV887001
500
500
600
600
mA
Driving voltage dropout
Vdrv,do
VIN − VDRV, IvDRV = 10 mA
0.2
0.35
V
Driving voltage source current
Idrv
VIN − VDRV = 1 V
10
15
mA
Backdrive diode voltage drop
Vd,bd
VDRV − VIN, Id,bd = 5 mA
0.7
V
Driving voltage
VDRV
IVDRV = 0.1 − 25 mA
NCV887000
NCV887001
10
10
10.5
10.5
11
11
V
UVLO
Undervoltage lock−out,
Threshold voltage
Vuvlo
VIN falling
3.0
3.1
3.2
V
Undervoltage lock−out,
Hysteresis
Vuvlo,hys
VIN rising
50
125
200
mV
SHORT CIRCUIT PROTECTION
Startup blanking period
%tscp,dly
From start of soft−start, Percent of tss
100
120
150
%
Hiccup−mode period
%thcp,dly
From shutdown to start of soft−start,
Percent of tss
65
80
95
%
Short circuit threshold voltage
%Vscp
VFB as percent of Vref
60
67
75
%
Short circuit delay
tscp
From VFB < Vscp to stop switching
35
100
ns
THERMAL SHUTDOWN
Thermal shutdown threshold
Tsd
TJ rising
160
170
180
°C
Thermal shutdown hysteresis
Tsd,hys
TJ falling
10
15
20
°C
Thermal shutdown delay
tsd,dly
From TJ > Tsd to stop switching
100
ns


Similar Part No. - NCV887000D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV887000D1R2G ONSEMI-NCV887000D1R2G Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887000D1R2G ONSEMI-NCV887000D1R2G Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 11
More results

Similar Description - NCV887000D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8871 ONSEMI-NCV8871_16 Datasheet
242Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8873 ONSEMI-NCV8873_16 Datasheet
176Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 6
NCV8870 ONSEMI-NCV8870_17 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 11
NCV8871 ONSEMI-NCV8871 Datasheet
145Kb / 12P
   Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 3
NCV8871 ONSEMI-NCV8871_17 Datasheet
146Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 13
NCV887200 ONSEMI-NCV887200_16 Datasheet
240Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 9
NCV8873 ONSEMI-NCV8873_17 Datasheet
101Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
December, 2017 ??Rev. 8
NCV8873 ONSEMI-NCV8873 Datasheet
143Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
May, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com