Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0402C105K8PACTU Datasheet(PDF) 11 Page - ON Semiconductor

Part # C0402C105K8PACTU
Description  200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

C0402C105K8PACTU Datasheet(HTML) 11 Page - ON Semiconductor

Back Button C0402C105K8PACTU Datasheet HTML 7Page - ON Semiconductor C0402C105K8PACTU Datasheet HTML 8Page - ON Semiconductor C0402C105K8PACTU Datasheet HTML 9Page - ON Semiconductor C0402C105K8PACTU Datasheet HTML 10Page - ON Semiconductor C0402C105K8PACTU Datasheet HTML 11Page - ON Semiconductor C0402C105K8PACTU Datasheet HTML 12Page - ON Semiconductor C0402C105K8PACTU Datasheet HTML 13Page - ON Semiconductor C0402C105K8PACTU Datasheet HTML 14Page - ON Semiconductor C0402C105K8PACTU Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
NCV8702
http://onsemi.com
11
TYPICAL CHARACTERISTICS
Figure 39. Enable Turn−On Response,
VOUT = 0.8 V, COUT = 3 mF
VIN = 2.0 V
VOUT(nom) = 0.8 V
COUT = 3 mF
CIN = none
IOUT = 1 mA
TA = 25°C
IINRUSH = 45 mA
100 ms/div
0
40
80
120
160
200
1
1.5
2
2.5
3
3.5
4
4.5
5
COUT, OUTPUT CAPACITANCE (mF)
Figure 40. Turn−On Inrush Current vs. Output
Capacitance
VIN = VOUT + 0.3 V or 2 V
whichever is greater
VEN = 0 V to 1 V
CIN = none, TJ = 25°C
IOUT = 1 mA
VOUT = 3.3 V
VOUT = 0.8 V
Figure 41. Enable Turn−Off Response,
VOUT = 3.3 V, COUT = 1 mF
Figure 42. Enable Turn−Off Response,
VOUT = 3.3 V, COUT = 4.7 mF
Figure 43. Enable Turn−Off Response,
VOUT = 3.3 V, COUT = 10 mF
Figure 44. Slow Input Voltage
Turn−On/Turn−Off, VOUT = 3.3 V


Similar Part No. - C0402C105K8PACTU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
C0402C105K8PACTU ONSEMI-C0402C105K8PACTU Datasheet
680Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR, LDO Linear Voltage Regulator
August, 2012 ??Rev. 1
logo
Kemet Corporation
C0402C105K8PACTU KEMET-C0402C105K8PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1 uF, 10%, 10 V, 0402, X5R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C0402C105K8PACTU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702_13 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
NCP702SN28T1G ONSEMI-NCP702SN28T1G Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
NCP702 ONSEMI-NCP702 Datasheet
1Mb / 20P
   Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
logo
STMicroelectronics
STLQ020 STMICROELECTRONICS-STLQ020 Datasheet
2Mb / 31P
   200 mA ultra-low quiescent current LDO
Rev 3 - June 2019
logo
ON Semiconductor
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
logo
Texas Instruments
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
logo
ON Semiconductor
NCV8705 ONSEMI-NCV8705_16 Datasheet
1Mb / 22P
   500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
March, 2016 ??Rev. 7
NCP703 ONSEMI-NCP703_13 Datasheet
994Kb / 18P
   300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
April, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com