Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2503 Datasheet(PDF) 8 Page - Sony Corporation

Part # CXA2503
Description  Decoder/Driver/Timing Generator for Color LCD Panels
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2503 Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA2503 Datasheet HTML 4Page - Sony Corporation CXA2503 Datasheet HTML 5Page - Sony Corporation CXA2503 Datasheet HTML 6Page - Sony Corporation CXA2503 Datasheet HTML 7Page - Sony Corporation CXA2503 Datasheet HTML 8Page - Sony Corporation CXA2503 Datasheet HTML 9Page - Sony Corporation CXA2503 Datasheet HTML 10Page - Sony Corporation CXA2503 Datasheet HTML 11Page - Sony Corporation CXA2503 Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
– 8 –
CXA2503AR
55
VXO OUT
2.9V
VXO output.
VCC1
GND1
400µA
55
56
VXO IN
3.2V
VXO input.
VCC1
GND1
3k
500
3.2V
56
57
V REG
3.6V
Smoothing capacitor
connection for the internally
generated constant voltage
source circuit. Connect a
capacitor of 1µF or more.
VCC1
GND1
57
60k
30k
58
START UP
Prevents output of the HST
and VST pulses for driving
LCD panels for a certain time
during power-on. Connect a
capacitor between this pin and
GND. When not using this pin,
connect to VCC1.
VCC1
GND1
1k
0.5µA
58
59
C IN
Video signal input when using
composite signal input.
Chroma signal input when
using Y/C signal input.
Leave this pin open when
using Y/color difference input.
VCC1
GND1
20k
500
30µA
59
15p
Pin
No.
Symbol
Pin voltage
Equivalent circuit
Description


Similar Part No. - CXA2503

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2500 SONY-CXA2500 Datasheet
220Kb / 11P
   Dual REC/PB Preamplifier
CXA2500M SONY-CXA2500M Datasheet
220Kb / 11P
   Dual REC/PB Preamplifier
CXA2500N SONY-CXA2500N Datasheet
220Kb / 11P
   Dual REC/PB Preamplifier
CXA2502 SONY-CXA2502 Datasheet
209Kb / 11P
   Dolby B-C Type Noise Reduction System for Playback
CXA2502M SONY-CXA2502M Datasheet
209Kb / 11P
   Dolby B-C Type Noise Reduction System for Playback
More results

Similar Description - CXA2503

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com