Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CXA2503AR Datasheet(PDF) 6 Page - Sony Corporation

Part No. CXA2503AR
Description  Decoder/Driver/Timing Generator for Color LCD Panels
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

CXA2503AR Datasheet(HTML) 6 Page - Sony Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
– 6 –
CXA2503AR
7
S.SEP IN
8
EXT-R
9
EXT-G
10
EXT-B
41
B OUT
43
G OUT
45
R OUT
42
FB B
44
FB G
46
FB R
1.0V
VCC2
2
Sync separation circuit input.
Input the H FILTER output
signal.
External digital signal inputs.
There are two threshold
values: Vth1 (= 1.0V) and
Vth2 (= 2.0V). When one of
the RGB signals exceeds
Vth1, all of the RGB outputs
go to black level; when an
input exceeds Vth2, only the
corresponding output goes to
white level.
VCO adjustment voltage
output.
VDD2
GND1
17k
1.8V
10µA
7
2.8V
8
9
10
300
VCC1
GND1
30µA
50k 2.7V
VCC2
GND2
70µA
500
11
RGB signal outputs.
VCC2
GND2
40µA
50
50
41
43
45
11
VCO ADJ
2.5V
Smoothing capacitor
connection for the feedback
circuit of RGB output DC level
control.
Use a low-leakage capacitor
because of high impedance.
1k
VCC2
GND2
42
44
46
Pin
No.
Symbol
Pin voltage
Equivalent circuit
Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn