Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2503AR Datasheet(PDF) 28 Page - Sony Corporation

Part # CXA2503AR
Description  Decoder/Driver/Timing Generator for Color LCD Panels
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2503AR Datasheet(HTML) 28 Page - Sony Corporation

Back Button CXA2503AR Datasheet HTML 24Page - Sony Corporation CXA2503AR Datasheet HTML 25Page - Sony Corporation CXA2503AR Datasheet HTML 26Page - Sony Corporation CXA2503AR Datasheet HTML 27Page - Sony Corporation CXA2503AR Datasheet HTML 28Page - Sony Corporation CXA2503AR Datasheet HTML 29Page - Sony Corporation CXA2503AR Datasheet HTML 30Page - Sony Corporation CXA2503AR Datasheet HTML 31Page - Sony Corporation CXA2503AR Datasheet HTML 32Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
– 28 –
CXA2503AR
Input Waveforms
SG No.
Waveform
SIG1
143mV
150mV
150mV
Sine wave video signal:With/without burst
Amplitude and frequency variable
← Value noted on left: 0dB
SIG2
SIG3
143mV
150mV
← Value noted on left: 0dB
Chroma signal: Burst, chroma frequency (3.579545MHz, 4.433619MHz)
Chroma phase and burst frequency variable
143mV
357mV
Ramp waveform
1H
SIG4
SIG5
143mV
150mV
5-step staircase waveform
1H
VL
VS
WS
VL amplitude variable
VS variable: 143mV unless otherwise specified
WS variable:4.7µs unless otherwise specified
fH variable: 15.734kHz (NTSC) or
15.625kHz (PAL)
unless otherwise specified
fH


Similar Part No. - CXA2503AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2500 SONY-CXA2500 Datasheet
220Kb / 11P
   Dual REC/PB Preamplifier
CXA2500M SONY-CXA2500M Datasheet
220Kb / 11P
   Dual REC/PB Preamplifier
CXA2500N SONY-CXA2500N Datasheet
220Kb / 11P
   Dual REC/PB Preamplifier
CXA2502 SONY-CXA2502 Datasheet
209Kb / 11P
   Dolby B-C Type Noise Reduction System for Playback
CXA2502M SONY-CXA2502M Datasheet
209Kb / 11P
   Dolby B-C Type Noise Reduction System for Playback
More results

Similar Description - CXA2503AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com