Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2503AR Datasheet(PDF) 17 Page - Sony Corporation

Part # CXA2503AR
Description  Decoder/Driver/Timing Generator for Color LCD Panels
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2503AR Datasheet(HTML) 17 Page - Sony Corporation

Back Button CXA2503AR Datasheet HTML 13Page - Sony Corporation CXA2503AR Datasheet HTML 14Page - Sony Corporation CXA2503AR Datasheet HTML 15Page - Sony Corporation CXA2503AR Datasheet HTML 16Page - Sony Corporation CXA2503AR Datasheet HTML 17Page - Sony Corporation CXA2503AR Datasheet HTML 18Page - Sony Corporation CXA2503AR Datasheet HTML 19Page - Sony Corporation CXA2503AR Datasheet HTML 20Page - Sony Corporation CXA2503AR Datasheet HTML 21Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
– 17 –
CXA2503AR
γ gain
γ1 adjustment variable
range
γ2 adjustment variable
range
Filter characteristics
Amount of BPF
attenuation
Amount of TRAP
attenuation
R-Y, B-Y and LPF
characteristics
Sync separation, TG block
Input sync signal width
sensitivity
Sync separation input
sensitivity
23.0
26.0
29.0
dB
12.0
15.0
18.0
dB
18.0
22.0
26.0
dB
0
IRE
100
IRE
100
IRE
0
IRE
–16
–10
dB
–16
–10
dB
–7
–2
dB
–8
–3
dB
–40
–30
dB
–40
–30
dB
0.8
1.0
1.3
MHz
2.0
µs
40
60
mV
NTSC
PAL
Item
Input SIG8 to (A). Adjust the non-inverted output black level at
TP43 to 6 – 4.5V with serial bus register BRIGHT and the non-
inverted output amplitude (white – black) at TP43 to 3.5V with
serial bus register CONTRAST. Measure VG1, VG2 and VG3.
G
γ1 = 20 log (VG1/0.0357)
G
γ2 = 20 log (VG2/0.0357)
G
γ3 = 20 log (VG3/0.0357)
(See Fig. 5 for definitions of VG1, VG2 and VG3.)
Input SIG8 to (A) and adjust serial bus register BRIGHT so
that the output at TP43 is 9Vp-p (black – black). Read the
point where the gain of the non-inverted output at TP43
changes when serial bus register
γ1 = 0H and 0FFH from
the input signal IRE level.
V
γ1MN when γ1 = 0H, and Vγ1MX when γ1 = 0FFH.
Input SIG8 to (A) and adjust serial bus register BRIGHT so
that the output at TP43 is 9Vp-p (black – black). Read the
point where the gain of the non-inverted output at TP43
changes when serial bus register
γ2 = 0H and 0FFH from
the input signal IRE level.
V
γ2MN when γ2 = 0H, and Vγ2MX when γ2 = 0FFH.
Assume the chroma amplitude at TP52
when SIG5 (VL = 0mV) is input to (A)
and SIG1 (0dB at input center frequency
(3.58MHz or 4.43MHz)) is input to (B) as
0dB. Obtain the amount by which the
output at TP52 is attenuated when the
frequencies noted on the right are input.
SW59 = A
Input SIG2 (0dB, 3.58MHz or 4.43MHz) to (A)
and measure the output at TP43. Assume the
amplitude at TP43 during Y/C input mode as 0dB,
and obtain the amount of attenuation during
COMP input mode.
Assume the amplitude of the 100kHz component of the
output at TP43 when SIG5 (VL = 150mV) is input to (A) and
SIG2 (0dB, 3.58MHz + 100kHz) is input to (B) as 0dB.
Obtain the frequency which attenuates the beat component
of the output by 3dB when the SIG2 frequency is increased
with respect to 3.58MHz.
Input SIG5 (VL = 0mV, VS = 143mV, WS variable) to (A)
and confirm that it is synchronized with the HD output at
TP22. Gradually narrow the WS of SIG5 from 4.7µs and
obtain the WS at which synchronization with the HD output
at TP22 is lost.
Input SIG5 (VL = 0mV, WS = 4.7µs, VS variable) to (A)
and confirm that it is synchronized with the HD output at
TP22. Gradually reduce the VS of SIG5 from 143mV and
obtain the VS at which synchronization with the HD output
at TP22 is lost.
G
γ1
G
γ2
G
γ3
V
γ1MN
V
γ1MX
V
γ2MN
V
γ2MX
ATBPF
ATRAPN
ATRAPP
DEMLPF
WSSEP
VSSEP
Symbol
Conditions
Min.
Typ.
Max.
Unit
NTSC 1.5MHz
PAL
2.0MHz
NTSC 5.5MHz
PAL
6.8MHz


Similar Part No. - CXA2503AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2500 SONY-CXA2500 Datasheet
220Kb / 11P
   Dual REC/PB Preamplifier
CXA2500M SONY-CXA2500M Datasheet
220Kb / 11P
   Dual REC/PB Preamplifier
CXA2500N SONY-CXA2500N Datasheet
220Kb / 11P
   Dual REC/PB Preamplifier
CXA2502 SONY-CXA2502 Datasheet
209Kb / 11P
   Dolby B-C Type Noise Reduction System for Playback
CXA2502M SONY-CXA2502M Datasheet
209Kb / 11P
   Dolby B-C Type Noise Reduction System for Playback
More results

Similar Description - CXA2503AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com