Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2500 Datasheet(PDF) 3 Page - Sony Corporation

Part # CXA2500
Description  Dual REC/PB Preamplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2500 Datasheet(HTML) 3 Page - Sony Corporation

  CXA2500 Datasheet HTML 1Page - Sony Corporation CXA2500 Datasheet HTML 2Page - Sony Corporation CXA2500 Datasheet HTML 3Page - Sony Corporation CXA2500 Datasheet HTML 4Page - Sony Corporation CXA2500 Datasheet HTML 5Page - Sony Corporation CXA2500 Datasheet HTML 6Page - Sony Corporation CXA2500 Datasheet HTML 7Page - Sony Corporation CXA2500 Datasheet HTML 8Page - Sony Corporation CXA2500 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
– 3 –
CXA2500M/N
No.
7
18
TUNER IN (A)
TUNER IN (B)
0.93V
Tuner input
Line amplifier output
REC drive input
REC drive output
Reference voltage output
0.58V
0.93V
1.0V
0.93V
LINE OUT (A)
LINE OUT (B)
REC AMP IN (A)
REC AMP IN (B)
REC AMP OUT
(A)
REC AMP OUT
(B)
REF
8
17
9
16
10
15
1
Symbol
Voltage
(Typ.)
Equivalent circuit
Description
40k
4k
VCC
Vref
40k
18
7
142
40k
VCC
8
17
10k
4k
VCC
Vref
16
9
VCC
10
15
VCC
1


Similar Part No. - CXA2500

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2502 SONY-CXA2502 Datasheet
209Kb / 11P
   Dolby B-C Type Noise Reduction System for Playback
CXA2502M SONY-CXA2502M Datasheet
209Kb / 11P
   Dolby B-C Type Noise Reduction System for Playback
CXA2503 SONY-CXA2503 Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2504 SONY-CXA2504 Datasheet
212Kb / 13P
   Sample-and-Hold Driver IC for LCD
More results

Similar Description - CXA2500

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CX20034 SONY-CX20034 Datasheet
495Kb / 20P
   REC/PB AMPLIFIER
logo
Rohm
BA5104A ROHM-BA5104A Datasheet
187Kb / 3P
   Switchless REC/PB Amplifier
logo
Sony Corporation
CXA1202Q-Z SONY-CXA1202Q-Z Datasheet
427Kb / 26P
   REC/PB Amplifier for VCR
logo
Toshiba Semiconductor
TA8155F TOSHIBA-TA8155F Datasheet
662Kb / 16P
   REC/PB SYSTEM DUAL PRE-AMPLIFIER (1.5/3V USE)
logo
Samsung semiconductor
S1A0292A01 SAMSUNG-S1A0292A01 Datasheet
304Kb / 14P
   PB/REC EQ ST PRE AMP
logo
Toshiba Semiconductor
TA8155FG TOSHIBA-TA8155FG Datasheet
1Mb / 17P
   REC / PB System Dual Pre−amplifier (1.5 / 3V USE)
logo
Samsung semiconductor
S1A0291X01 SAMSUNG-S1A0291X01 Datasheet
147Kb / 8P
   PB/REC PRE AMP FOR 2 DECK
logo
Rohm
BA328 ROHM-BA328 Datasheet
117Kb / 5P
   Dual preamplifier
logo
Daewoo Semiconductor
DBL1010 DAEWOO-DBL1010 Datasheet
222Kb / 5P
   DUAL PREAMPLIFIER
logo
Toshiba Semiconductor
TA8162SN TOSHIBA-TA8162SN Datasheet
329Kb / 9P
   DUAL PREAMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com