Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTLUD3A50PZTAG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTLUD3A50PZTAG
Description  ??0 V, ??.6 A, Cool Dual P?묬hannel, 2.0x2.0x0.55 mm UDFN Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLUD3A50PZTAG Datasheet(HTML) 4 Page - ON Semiconductor

  NTLUD3A50PZTAG Datasheet HTML 1Page - ON Semiconductor NTLUD3A50PZTAG Datasheet HTML 2Page - ON Semiconductor NTLUD3A50PZTAG Datasheet HTML 3Page - ON Semiconductor NTLUD3A50PZTAG Datasheet HTML 4Page - ON Semiconductor NTLUD3A50PZTAG Datasheet HTML 5Page - ON Semiconductor NTLUD3A50PZTAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTLUD3A50PZ
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
QG, TOTAL GATE CHARGE (nC)
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
−VSD, SOURCE−TO−DRAIN VOLTAGE (V)
Figure 11. Threshold Voltage
TJ, JUNCTION TEMPERATURE (°C)
VGS = 0 V
TJ = 25°C
f = 1 MHz
Ciss
Coss
Crss
VDS = −15 V
ID = −3.0 A
TJ = 25°C
VDS
VGS
QGS
QGD
VGS = −4.5 V
VDD = −15 V
ID = −3.0 A
td(off)
td(on)
tf
tr
TJ = 25°C
TJ = −55°C
TJ = 125°C
ID = −250 mA
1.0
10
100
1000
1
10
100
0.1
1.0
10.0
50
25
0
25
50
75
100
125
150
0
200
400
600
800
1000
1200
1400
1600
1800
0
2
4
6
8
10
12
14
16
18
20
0
3
6
9
12
15
18
0
1
2
3
4
5
02
468
10
12
QT
0.3
0.4
0.6
0.8
1.0
1.1
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
Figure 12. Maximum Rated Forward Biased
Safe Operating Area
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
0.01
0.1
1
10
100
0.1
1
10
100
0 ≤ VGS ≤ −8 V
Single Pulse
TC = 25°C
RDS(on) Limit
Thermal Limit
Package Limit
100 ms
1 ms
10 ms
dc
0.5
0.7
0.9


Similar Part No. - NTLUD3A50PZTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLUD3A50PZTAG ONSEMI-NTLUD3A50PZTAG Datasheet
133Kb / 6P
   Power MOSFET
February, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com