Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL41334 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL41334
Description  World?셲 Most Power-Effi cient
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL41334 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL41334 Datasheet HTML 1Page - Intersil Corporation ISL41334 Datasheet HTML 2Page - Intersil Corporation ISL41334 Datasheet HTML 3Page - Intersil Corporation ISL41334 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
21
5V
8
5V
9
5V
20
0V
26
3
26
3
27
28
VCC1
5V
120
Ω
4
485 RX OUT
23
RS-485 INTERFACE
485 TX EN
5
6
7
14
24
485 TX IN
22
15
13
21
485 RX OUT
18
5V
485 TX EN
12
11
10
9
8
14
17
485 TX IN
19
5V
20
15
120
Ω
5V
0V
11
232 TX IN
19
4
24
232 RX OUT
12
16
232 RX OUT
7
232 TX IN
23
RS-232 INTERFACE
10
232 TX IN
18
5
25
232 RX OUT
13
17
232 RX OUT
6
232 TX IN
22
1
2
2
1
28
27
VCC2
5V
ISL81334
ISL81334
www.
intersil.com/interface | 3
©2008 Inters
www
Intersil Interface Products
15kV HBM ESD Protected Dual Protocol
Transceivers with User Configurable
Ports Deliver Exceptional Protection
2.2V min. Tx output voltage for
exceptional noise immunity in
RS-485/422 protocols and 1Mbps
Rx data rate in RS-232 mode.
Selectable RS-232 or RS485/422 Port in One Package
Full Fail-Safe Rx
Guarantees a high level
receiver output if the receiver
inputs are floating or shorted.
Increased System Noise Immunity
Exceptional RS-485/RS-422 differential
VOUT (2.7V/3.1V).
Programmable Configuration
Control pins enable single
RS-485/RS-422 or dual RS-232.
15kV HBM ESD Protection
On all bus pins
Multi-Protocol - RS-232 and RS-485 - High ESD
Device
Supported
Protocols
# of
Ports
# of Tx/Rx per Port
High
ESD (kV)
Data Rate RS-485/RS-232
(Mbps)
RS-485 Rx
Failsafe Type
VLOGIC
Supply Pin?
RXEN
Polarity
Loopback
Feature?
VCC
(V)
Package
ISL41334
RS-232, RS-422,
RS-485
2
1/1 RS-485, RS-422;
2/2 RS-232
15
20, 0.46, 0.115/0.5
Full
Yes
Low
Yes
5
40 Ld QFN
ISL3333
3.3
ISL41387
RS-232, RS-422,
RS-485
1
1/1 RS-485, RS-422;
2/2 RS-232
15
20, 0.46, 0.115/0.5
Full
Yes
High and
Low
Yes
5
40 Ld QFN
ISL3331
3.3
ISL81334
RS-232, RS-422,
RS-485
2
1/1 RS-485, RS-422;
2/2 RS-232
15
20/0.5
Full
No
None
Yes
5
28 Ld SOIC,
28 Ld SSOP
ISL3332
3.3
ISL81387
RS-232, RS-422,
RS-485
1
1/1 RS-485, RS-422;
2/2 RS-232
15
20, 0.46/0.5
Full
No
High
Yes
5
20 Ld SOIC,
20 Ld SSOP
ISL3330
3.3
Additional port on two-channel
version allows option for two
RS-485/422 transceivers or four
RS-232 transceivers.
Single Port
Dual Port


Similar Part No. - ISL41334

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL41334 INTERSIL-ISL41334 Datasheet
1Mb / 28P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
ISL41334 INTERSIL-ISL41334 Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL41334 INTERSIL-ISL41334 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL41334 RENESAS-ISL41334 Datasheet
1Mb / 32P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
logo
Intersil Corporation
ISL41334 INTERSIL-ISL41334 Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
More results

Similar Description - ISL41334

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XS618B1MAL2 SCHNEIDER-XS618B1MAL2 Datasheet
1Mb / 33P
   Helping you to fi nd the most effi cient solution
logo
List of Unclassifed Man...
EFM32WG980 ETC2-EFM32WG980 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
Power Integrations, Inc...
TNY263PN POWERINT-TNY263PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
logo
List of Unclassifed Man...
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
NXP Semiconductors
TEA1522 NXP-TEA1522 Datasheet
614Kb / 2P
   Cut costs and size for effi cient low-power supplies
2007
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Silicon Laboratories
EFM32JG1 SILABS-EFM32JG1 Datasheet
952Kb / 94P
   The EFM32 Jade Gecko MCUs are the world?셲 most energyfriendly microcontrollers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com