Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3152E Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL3152E
Description  World?셲 Most Power-Effi cient
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3152E Datasheet(HTML) 2 Page - Intersil Corporation

  ISL3152E Datasheet HTML 1Page - Intersil Corporation ISL3152E Datasheet HTML 2Page - Intersil Corporation ISL3152E Datasheet HTML 3Page - Intersil Corporation ISL3152E Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Best-in-Class Full-Featured, ESD Protected
RS-485/RS-422 Transceivers in Tiny Packages
+3.3V (ISL317xE)
+5V (ISL315xE)
+3.3V (ISL317xE)
+5V (ISL315xE)
ISL315xE
ISL317xE
ISL315xE
ISL317xE
5V, Fractional UL, 15kV ESD, Full Failsafe
Device
# of Tx /
# of Rx
Devices
Allowed
on Bus
Half/Full
Duplex
High ESD
Hot
Plug
Data Rate
(Mbps)
Slew Rate
Limited
Tx/Rx
Enable
IS EN/DIS
(μA)
SHDN
ICC (μA)
VCC Range
(+V)
Package
ISL3150E
1/1
256
Full
Yes-IEC61000
Yes
0.115
Yes
Yes
800/700
0.07
4.5 to 5.5 10 Ld MSOP, 14 Ld SOIC
ISL3152E
1/1
256
Half
Yes-IEC61000
Yes
0.115
Yes
Yes
800/700
0.07
4.5 to 5.5 8 Ld MSOP, 8 Ld PDIP, 8 Ld SOIC
ISL3153E
1/1
256
Full
Yes-IEC61000
Yes
1
Yes
Yes
800/700
0.07
4.5 to 5.5 10 Ld MSOP, 14 Ld SOIC
ISL3155E
1/1
256
Half
Yes-IEC61000
Yes
1
Yes
Yes
800/700
0.07
4.5 to 5.5 8 Ld MSOP, 8 Ld SOIC
ISL3156E
1/1
256
Full
Yes-IEC61000
Yes
20
No
Yes
800/700
0.07
4.5 to 5.5 10 Ld MSOP, 14 Ld SOIC
ISL3158E
1/1
256
Half
Yes-IEC61000
Yes
20
No
Yes
800/700
0.07
4.5 to 5.5 8 Ld MSOP, 8 Ld SOIC
3.3V, Fractional UL, 15kV ESD, Full Failsafe
ISL3170E
1/1
256
Full
Yes-IEC61000
Yes
0.25
Yes
Yes
510/480
0.01
3.0 to 3.6 10 Ld MSOP, 14 Ld SOIC
ISL3171E
1/1
256
Full
Yes-IEC61000
No
0.25
Yes
No
510
N/A
3.0 to 3.6 8 Ld MSOP, 8 Ld SOIC
ISL3172E
1/1
256
Half
Yes-IEC61000
Yes
0.25
Yes
Yes
510/480
0.01
3.0 to 3.6 8 Ld MSOP, 8 Ld SOIC
ISL3173E
1/1
256
Full
Yes-IEC61000
Yes
0.5
Yes
Yes
510/480
0.01
3.0 to 3.6 10 Ld MSOP, 14 Ld SOIC
ISL3174E
1/1
256
Full
Yes-IEC61000
No
0.5
Yes
No
510
N/A
3.0 to 3.6 8 Ld MSOP, 8 Ld SOIC
ISL3175E
1/1
256
Half
Yes-IEC61000
Yes
0.5
Yes
Yes
510/480
0.01
3.0 to 3.6 8 Ld MSOP, 8 Ld SOIC
ISL3176E
1/1
256
Full
Yes-IEC61000
Yes
20
No
Yes
510/480
0.01
3.0 to 3.6 10 Ld MSOP, 14 Ld SOIC
ISL3177E
1/1
256
Full
Yes-IEC61000
No
20
No
No
510
N/A
3.0 to 3.6 8 Ld MSOP, 8 Ld SOIC
ISL3178E
1/1
256
Half
Yes-IEC61000
Yes
20
No
Yes
510/480
0.01
3.0 to 3.6 8 Ld MSOP, 8 Ld SOIC
Enhanced Noise Immunity
Space-saving Small Package
www
The Evolution of Analog
2 | www.
intersil.com/interface
Intersil Interface Products
IEC61000-4-2 ESD Protection
±15kV Airgap discharge, ±8kV contact
discharge (half-duplex versions).
3.3V Operation Eliminates
5V Power Supply (ISL317xE)
Full Fail-Safe Rx
Predictable performance
when bus faults occur.
Fractional Unit Load Rx
Allows up to 256 devices on the
bus without expensive repeaters.
Hot Plug Capability
Prevents data corruption
during power-up on an
active bus.
50%
Smaller
8 Ld SOIC
Actual Size
(6.2mm x 5mm)
8 Ld MSOP
Actual Size
(5.05mm x 3.05mm)
Provides enhanced noise
immunity and can drive
longer cable lengths or
more cable terminations.
60% Higher Output Voltage (ISL315xE)
1
1.5
2
2.5
RS-485
Standard
Intersil’s
ISL315xE
Output Voltage (V)
2.4V
1.5V


Similar Part No. - ISL3152E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3152E INTERSIL-ISL3152E Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152E INTERSIL-ISL3152E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152E INTERSIL-ISL3152E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL3152E INTERSIL-ISL3152E Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
ISL3152E INTERSIL-ISL3152E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results

Similar Description - ISL3152E

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XS618B1MAL2 SCHNEIDER-XS618B1MAL2 Datasheet
1Mb / 33P
   Helping you to fi nd the most effi cient solution
logo
List of Unclassifed Man...
EFM32WG980 ETC2-EFM32WG980 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
Power Integrations, Inc...
TNY263PN POWERINT-TNY263PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
logo
List of Unclassifed Man...
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
NXP Semiconductors
TEA1522 NXP-TEA1522 Datasheet
614Kb / 2P
   Cut costs and size for effi cient low-power supplies
2007
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Silicon Laboratories
EFM32JG1 SILABS-EFM32JG1 Datasheet
952Kb / 94P
   The EFM32 Jade Gecko MCUs are the world?셲 most energyfriendly microcontrollers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com