Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2174S Datasheet(PDF) 8 Page - Sony Corporation

Part # CXA2174S
Description  US Audio Multiplexing Decoder
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2174S Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA2174S Datasheet HTML 4Page - Sony Corporation CXA2174S Datasheet HTML 5Page - Sony Corporation CXA2174S Datasheet HTML 6Page - Sony Corporation CXA2174S Datasheet HTML 7Page - Sony Corporation CXA2174S Datasheet HTML 8Page - Sony Corporation CXA2174S Datasheet HTML 9Page - Sony Corporation CXA2174S Datasheet HTML 10Page - Sony Corporation CXA2174S Datasheet HTML 11Page - Sony Corporation CXA2174S Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
– 8 –
CXA2174S
VEOUT
VCAIN
4.0V
4.0V
Variable de-emphasis output
pin.
(Connect a 4.7µF non-polar
capacitor between Pins 25
and 26.)
VCA input pin.
Input the variable
de-emphasis output signal
from Pin 25 via a coupling
capacitor.
25
26
VCATC
1.7V
Determine the restoration
time constant of the VCA
control effective value
detection circuit.
(the specified restoration
time constant can be
obtained by connecting a
10µF capacitor between this
pin and GND.)
27
Vcc
10k
580
580
5P
25
50µ
VCC
4k
20k
× 4
× 4
7.5µ
27
VCC
20k
VCC
47k
47k
26
Pin
No.
Symbol
Pin
voltage
Equivalent circuit
Description
VETC
1.7V
Determine the restoration
time constant of the variable
de-rmphasis control effective
value detection circuit.
(the specified restoration time
constant can be obtained by
connecting a 3.3µF capacitor
between this pin and GND.)
24
20k
↓ 7.5µ
4k
↓ 50µ
Vcc
× 4
× 4
24


Similar Part No. - CXA2174S

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2104S SONY-CXA2104S Datasheet
331Kb / 28P
   US Audio Multiplexing Decoder
CXA2108 SONY-CXA2108 Datasheet
282Kb / 27P
   Constant-Current Driver for Full Color LED Display
CXA2108 SONY-CXA2108 Datasheet
288Kb / 28P
   Constant-Current Driver for Full Color LED Display
CXA2108AQ SONY-CXA2108AQ Datasheet
282Kb / 27P
   Constant-Current Driver for Full Color LED Display
CXA2108Q SONY-CXA2108Q Datasheet
288Kb / 28P
   Constant-Current Driver for Full Color LED Display
More results

Similar Description - CXA2174S

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2149Q SONY-CXA2149Q Datasheet
300Kb / 25P
   US Audio Multiplexing Decoder
CXA2054S SONY-CXA2054S Datasheet
514Kb / 38P
   US Audio Multiplexing Decoder
CXA1734S SONY-CXA1734S Datasheet
471Kb / 30P
   US Audio Multiplexing Decoder
CXA2104S SONY-CXA2104S Datasheet
331Kb / 28P
   US Audio Multiplexing Decoder
CXA2074Q SONY-CXA2074Q Datasheet
513Kb / 38P
   US Audio Multiplexing Decoder
CXA2094Q SONY-CXA2094Q Datasheet
386Kb / 31P
   US Audio Multiplexing Decoder
CXA2134Q SONY-CXA2134Q Datasheet
433Kb / 35P
   US Audio Multiplexing Decoder
CXA1784AS SONY-CXA1784AS Datasheet
724Kb / 38P
   US Audio Multiplexing Decoder
CXA1785AR SONY-CXA1785AR Datasheet
556Kb / 29P
   US Audio Multiplexing Decoder
CXA2064M SONY-CXA2064M Datasheet
297Kb / 21P
   US Audio Multiplexing Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com