Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJ.0EB0J475M Datasheet(PDF) 6 Page - ON Semiconductor

Part # ECJ.0EB0J475M
Description  200 mA Ultra-Low Noise Very-Low Iq, High PSRR, LDO Linear Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECJ.0EB0J475M Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ECJ.0EB0J475M Datasheet HTML 2Page - ON Semiconductor ECJ.0EB0J475M Datasheet HTML 3Page - ON Semiconductor ECJ.0EB0J475M Datasheet HTML 4Page - ON Semiconductor ECJ.0EB0J475M Datasheet HTML 5Page - ON Semiconductor ECJ.0EB0J475M Datasheet HTML 6Page - ON Semiconductor ECJ.0EB0J475M Datasheet HTML 7Page - ON Semiconductor ECJ.0EB0J475M Datasheet HTML 8Page - ON Semiconductor ECJ.0EB0J475M Datasheet HTML 9Page - ON Semiconductor ECJ.0EB0J475M Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NCP729
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 15. Dropout Voltage vs. Output Current,
VOUT = 3.3 V
Figure 16. Output Voltage vs. Temperature,
VOUT = 0.8 V
OUTPUT CURRENT (mA)
JUNCTION TEMPERATURE (°C)
175
150
125
100
75
50
25
0
40
50
60
70
80
100
110
120
100
80
60
40
20
0
−20
−40
0.780
0.785
0.790
0.795
0.805
0.810
0.815
0.820
Figure 17. Output Voltage vs. Temperature,
VOUT = 1.8 V
Figure 18. Output Voltage vs. Temperature,
VOUT = 3.3 V
JUNCTION TEMPERATURE (°C)
JUNCTION TEMPERATURE (°C)
Figure 19. Load Regulation vs. Temperature
Figure 20. Line Regulation vs. Temperature
JUNCTION TEMPERATURE (°C)
JUNCTION TEMPERATURE (°C)
100
80
60
40
20
0
−20
−40
−3
−2
−1
0
1
2
3
200
90
TA = 125°C
TA = 25°C
TA = −40°C
CIN = 1 mF,
COUT = 1 mF,
VOUT(NOM) = 3.3 V
0.800
120 140
VOUT = 0.8 V,
COUT = CIN = 1 mF,
IOUT = 10 mA
VIN = 5.5 V
VIN = 2.0 V
100
80
60
40
20
0
−20
−40
1.760
1.770
1.780
1.790
1.810
1.820
1.830
1.840
1.800
120 140
VOUT = 1.8 V,
COUT = CIN = 1 mF,
IOUT = 10 mA
VIN = 5.5 V
VIN = 2.1 V
100
80
60
40
20
0
−20
−40
3.260
3.270
3.280
3.290
3.310
3.320
3.330
3.340
3.300
120 140
VOUT = 3.3 V,
COUT = CIN = 1 mF,
IOUT = 10 mA
VIN = 5.5 V
VIN = 3.6 V
120 140
VIN = 2.0 V or VOUT(NOM) + 0.3 V,
COUT = CIN = 1 mF,
IOUT = 0 mA to 200 mA
VOUT = 0.8 V
VOUT = 3.3 V
100
80
60
40
20
0
−20
−40
0
1
2
3
4
5
6
120 140
VIN = 2.0 V or VOUT(NOM) + 0.3 V to 5.5 V,
COUT = CIN = 1 mF,
IOUT = 10 mA
VOUT = 0.8 V
VOUT = 3.3 V


Similar Part No. - ECJ.0EB0J475M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ECJ.0EB0J475M ONSEMI-ECJ.0EB0J475M Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 ??Rev. 0
More results

Similar Description - ECJ.0EB0J475M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP729 ONSEMI-NCP729_13 Datasheet
683Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR LDO Linear Voltage Regulator
April, 2013 ??Rev. 2
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
NCV8570 ONSEMI-NCV8570 Datasheet
193Kb / 12P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCP700B ONSEMI-NCP700B_13 Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
logo
Texas Instruments
TPS7A20 TI-TPS7A20_V06 Datasheet
7Mb / 42P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V07 Datasheet
8Mb / 44P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI1-TPS7A20_V04 Datasheet
641Kb / 28P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com