Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0402C105K8PACTU Datasheet(PDF) 8 Page - ON Semiconductor

Part # C0402C105K8PACTU
Description  200 mA Ultra-Low Noise Very-Low Iq, High PSRR, LDO Linear Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

C0402C105K8PACTU Datasheet(HTML) 8 Page - ON Semiconductor

Back Button C0402C105K8PACTU Datasheet HTML 4Page - ON Semiconductor C0402C105K8PACTU Datasheet HTML 5Page - ON Semiconductor C0402C105K8PACTU Datasheet HTML 6Page - ON Semiconductor C0402C105K8PACTU Datasheet HTML 7Page - ON Semiconductor C0402C105K8PACTU Datasheet HTML 8Page - ON Semiconductor C0402C105K8PACTU Datasheet HTML 9Page - ON Semiconductor C0402C105K8PACTU Datasheet HTML 10Page - ON Semiconductor C0402C105K8PACTU Datasheet HTML 11Page - ON Semiconductor C0402C105K8PACTU Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
NCP729
http://onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 27. Turn−On Response, VOUT = 2.8 V
Figure 28. Turn−On Response, VOUT = 1.8 V
100 ms/DIV
100 ms/DIV
Figure 29. Turn−Off Response, VOUT = 2.8 V
Figure 30. Turn−Off Response, VOUT = 1.8 V
2 ms/DIV
2 ms/DIV
Figure 31. Load Transient Response, VOUT = 2.8
V,
IOUT = 1 mA to 200 mA
Figure 32. Load Transient Response, VOUT = 1.8
V,
IOUT = 1 mA to 200 mA
50 ms/DIV
50 ms/DIV
0 V
0 V
0 mA
VOUT
VEN
IINRUSH
VIN = 3.3 V
VOUT(NOM) = 2.8 V
CIN = COUT = 1 mF
IOUT = 1 mA
TA = 25°C
0 V
0 V
0 mA
VOUT
VEN
IINRUSH
VIN = 2.3 V
VOUT(NOM) = 1.8 V
CIN = COUT = 1 mF
IOUT = 1 mA
TA = 25°C
0 V
0 V
VOUT
VEN
VIN = 3.3 V
VOUT(NOM) = 2.8 V
CIN = COUT = 1 mF
IOUT = 1 mA
TA = 25°C
0 V
0 V
VOUT
VEN
VIN = 2.3 V
VOUT(NOM) = 1.8 V
CIN = COUT = 1 mF
IOUT = 1 mA
TA = 25°C
IOUT = 200 mA
VIN = 3.3 V
VOUT(NOM) = 2.8 V
CIN = COUT = 1 mF
IOUT = 1 mA ... 200 mA
DIOUT/Dt = 200 mA/1 ms
TA = 25°C
IOUT = 1 mA
VOUT = 2.8 V
IOUT = 200 mA
VIN = 2.3 V
VOUT(NOM) = 1.8 V
CIN = COUT = 1 mF
IOUT = 1 mA ... 200 mA
DIOUT/Dt = 200 mA/1 ms
TA = 25°C
IOUT = 1 mA
VOUT = 1.8 V


Similar Part No. - C0402C105K8PACTU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
C0402C105K8PACTU ONSEMI-C0402C105K8PACTU Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 ??Rev. 0
logo
Kemet Corporation
C0402C105K8PACTU KEMET-C0402C105K8PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1 uF, 10%, 10 V, 0402, X5R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C0402C105K8PACTU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP729 ONSEMI-NCP729_13 Datasheet
683Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR LDO Linear Voltage Regulator
April, 2013 ??Rev. 2
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
NCV8570 ONSEMI-NCV8570 Datasheet
193Kb / 12P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCP700B ONSEMI-NCP700B_13 Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
logo
Texas Instruments
TPS7A20 TI-TPS7A20_V06 Datasheet
7Mb / 42P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V07 Datasheet
8Mb / 44P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI1-TPS7A20_V04 Datasheet
641Kb / 28P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com