Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP703MX30TCG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP703MX30TCG
Description  300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP703MX30TCG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP703MX30TCG Datasheet HTML 1Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 2Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 3Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 4Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 5Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 6Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 7Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 8Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NCP703
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 3. Output Voltage Noise Spectral Density for VOUT = 0.8 V, COUT = 1 mF
FREQUENCY (kHz)
100
1000
10
1
0.1
0.01
0.001
0.01
0.1
1
10
Figure 4. Output Voltage Noise Spectral Density for VOUT = 0.8 V, COUT = 4.7 mF
Figure 5. Output Voltage Noise Spectral Density for VOUT = 3.3 V, COUT = 1 mF
VIN = 2.0 V
VOUT = 0.8 V
CIN = COUT = 1 mF
MLCC, X7R,
1206 size
IOUT = 1 mA
IOUT = 10 mA
IOUT = 300 mA
1 mA
18.45
17.77
10 mA
17.18
16.43
300 mA
14.14
13.11
10 Hz − 100 kHz
100 Hz − 100 kHz
RMS Output Noise (mV)
IOUT
FREQUENCY (kHz)
1000
100
10
1
0.1
0.01
0.001
0.01
0.1
1
10
VIN = 2.0 V
VOUT = 0.8 V
CIN = 1 mF
COUT = 4.7 mF
MLCC, X7R,
1206 size
IOUT = 1 mA
IOUT = 10 mA
IOUT = 300 mA
1 mA
14.07
13.14
10 mA
16.59
15.83
300 mA
15.46
14.53
10 Hz − 100 kHz
100 Hz − 100 kHz
RMS Output Noise (mV)
IOUT
FREQUENCY (kHz)
1000
100
10
1
0.1
0.01
0.001
0.01
0.1
1
10
VIN = 3.8 V
VOUT = 3.3 V
CIN = COUT = 1 mF
MLCC, X7R,
1206 size
IOUT = 1 mA
IOUT = 10 mA
IOUT = 300 mA
1 mA
20.29
17.06
10 mA
19.76
16.11
300 mA
18.74
15.46
10 Hz − 100 kHz
100 Hz − 100 kHz
RMS Output Noise (mV)
IOUT


Similar Part No. - NCP703MX30TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP703MX30TCG ONSEMI-NCP703MX30TCG Datasheet
994Kb / 18P
   300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
April, 2013 ??Rev. 2
NCP703MX30TCG ONSEMI-NCP703MX30TCG Datasheet
947Kb / 18P
   300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
May, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com