Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP703MX30TCG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP703MX30TCG
Description  300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP703MX30TCG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP703MX30TCG Datasheet HTML 1Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 2Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 3Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 4Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 5Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 6Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 7Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 8Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NCP703
http://onsemi.com
2
Figure 2. Simplified Schematic Block Diagram
IN
THERMAL
SHUTDOWN
UVLO
MOSFET
DRIVER WITH
CURRENT LIMIT
AUTO LOW
POWER MODE
INTEGRATED
SOFT−START
ACTIVE
DISCHARGE
EN
BANDGAP
REFERENCE
ENABLE
LOGIC
EN
OUT
GND
Table 1. PIN FUNCTION DESCRIPTION
Pin No.
XDFN6
Pin No.
TSOP−5
Pin
Name
Description
1
5
OUT
Regulated output voltage pin. A small 1 mF ceramic capacitor is needed from this pin to ground
to assure stability.
2
4
N/C
Not connected.
3
2
GND
Power supply ground. Connected to the die through the lead frame. Soldered to the copper
plane allows for effective heat dissipation.
4
3
EN
Enable pin. Driving EN over 0.9 V turns on the regulator. Driving EN below 0.4 V puts the regu-
lator into shutdown mode.
5
N/C
Not connected. This pin can be tied to ground to improve thermal dissipation.
6
1
IN
Input pin. A small capacitor is needed from this pin to ground to assure stability.
Table 2. ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
−0.3 V to 6 V
V
Output Voltage
VOUT
−0.3 V to VIN + 0.3 V
V
Enable Input
VEN
−0.3 V to VIN + 0.3 V
V
Output Short Circuit Duration
tSC
Indefinite
s
Maximum Junction Temperature
TJ(MAX)
125
°C
Storage Temperature
TSTG
−55 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.


Similar Part No. - NCP703MX30TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP703MX30TCG ONSEMI-NCP703MX30TCG Datasheet
994Kb / 18P
   300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
April, 2013 ??Rev. 2
NCP703MX30TCG ONSEMI-NCP703MX30TCG Datasheet
947Kb / 18P
   300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
May, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com