Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1611BDR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1611BDR2G
Description  Enhanced, High-Efficiency Power Factor Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1611BDR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1611BDR2G Datasheet HTML 7Page - ON Semiconductor NCP1611BDR2G Datasheet HTML 8Page - ON Semiconductor NCP1611BDR2G Datasheet HTML 9Page - ON Semiconductor NCP1611BDR2G Datasheet HTML 10Page - ON Semiconductor NCP1611BDR2G Datasheet HTML 11Page - ON Semiconductor NCP1611BDR2G Datasheet HTML 12Page - ON Semiconductor NCP1611BDR2G Datasheet HTML 13Page - ON Semiconductor NCP1611BDR2G Datasheet HTML 14Page - ON Semiconductor NCP1611BDR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
NCP1611
http://onsemi.com
11
TYPICAL CHARACTERISTICS
Figure 21. Error Amplifier Transconductance
Gain vs. Temperature
Figure 22. Ratio (VOUT Low Detect Threshold /
VREF) vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
150
175
200
225
250
93
94
95
96
97
98
Figure 23. Ratio (VOUT Low Detect Hysteresis /
VREF) vs. Temperature
Figure 24. VCONTROL Source Current when
(VOUT Low Detect) is Activated for Dynamic
Response Enhancer (DRE) vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
0
0.1
0.2
0.3
0.4
0.5
140
160
180
200
220
240
260
280
Figure 25. Current Sense Voltage Threshold
vs. Temperature
Figure 26. Over−Current Protection Leading
Edge Blanking vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
480
485
490
495
505
510
515
520
120
140
160
180
220
240
260
280
110
90
70
30
10
−10
−30
−50
50
130
110
90
70
30
10
−10
−30
−50
50
130
110
90
70
30
10
−10
−30
−50
50
130
110
90
70
30
10
−10
−30
−50
50
130
110
90
70
30
10
−10
−30
−50
50
130
500
110
90
70
30
10
−10
−30
−50
50
130
200


Similar Part No. - NCP1611BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1611BDR2G ONSEMI-NCP1611BDR2G Datasheet
813Kb / 29P
   Enhanced, High-Efficiency Power Factor Controller
January, 2015 ??Rev. 4
More results

Similar Description - NCP1611BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
NCP1602 ONSEMI-NCP1602_16 Datasheet
238Kb / 24P
   Enhanced, High-Efficiency Power Factor Controller
June, 2016 ??Rev. 2
NCP1611 ONSEMI-NCP1611_15 Datasheet
813Kb / 29P
   Enhanced, High-Efficiency Power Factor Controller
January, 2015 ??Rev. 4
NCP1622 ONSEMI-NCP1622 Datasheet
236Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
November, 2017 ??Rev. 4
NCP1623 ONSEMI-NCP1623 Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
NCL2801 ONSEMI-NCL2801 Datasheet
504Kb / 28P
   Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
NCP1612A ONSEMI-NCP1612A Datasheet
1Mb / 33P
   Enhanced, High?륟fficiency Power Factor Controller
May, 2016 ??Rev. 9
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com