Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1611ADR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1611ADR2G
Description  Enhanced, High-Efficiency Power Factor Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1611ADR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1611ADR2G Datasheet HTML 1Page - ON Semiconductor NCP1611ADR2G Datasheet HTML 2Page - ON Semiconductor NCP1611ADR2G Datasheet HTML 3Page - ON Semiconductor NCP1611ADR2G Datasheet HTML 4Page - ON Semiconductor NCP1611ADR2G Datasheet HTML 5Page - ON Semiconductor NCP1611ADR2G Datasheet HTML 6Page - ON Semiconductor NCP1611ADR2G Datasheet HTML 7Page - ON Semiconductor NCP1611ADR2G Datasheet HTML 8Page - ON Semiconductor NCP1611ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
NCP1611
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS TABLE (Conditions: VCC = 15 V, TJ from −40°C to +125°C, unless otherwise
specified)
Symbol
Rating
Min
Typ
Max
Unit
START−UP AND SUPPLY CIRCUIT
VCC(on)
Start−Up Threshold, VCC increasing:
A version
B version
9.75
15.80
10.50
17.00
11.25
18.20
V
VCC(off)
Minimum Operating Voltage, VCC falling
8.50
9.00
9.50
V
VCC(HYST)
Hysteresis (VCC(on) − VCC(off))
A version
B version
0.75
6.00
1.50
8.00
V
ICC(start)
Start−Up Current, VCC= 9.4 V
20
50
mA
ICC(op)1
Operating Consumption, no switching (Vsense pin being grounded)
0.5
1.0
mA
ICC(op)2
Operating Consumption, 50 kHz switching, no load on DRV pin
2.0
3.0
mA
CURRENT CONTROLLED FREQUENCY FOLD−BACK
TDT1
Dead−Time, VFFcontrol = 2.60 V (Note 4)
0
ms
TDT2
Dead−Time, VFFcontrol = 1.75 V
14
18
22
ms
TDT3
Dead−Time, VFFcontrol = 1.00 V
32
38
44
ms
IDT1
FFcontrol pin current, Vsense = 1.4 V and Vcontrol maximum
180
200
220
mA
IDT2
FFcontrol pin current, Vsense = 2.8 V and Vcontrol maximum
110
135
160
mA
VSKIP−H
FFcontrol pin Skip Level, VFFcontrol rising
0.75
0.85
V
VSKIP−L
FFcontrol pin Skip Level, VFFcontrol falling
0.55
0.65
V
VSKIP−HYST
FFcontrol pin Skip Hysteresis
50
mV
GATE DRIVE
TR
Output voltage rise−time @ CL = 1 nF, 10−90% of output signal
30
ns
TF
Output voltage fall−time @ CL = 1 nF, 10−90% of output signal
20
ns
ROH
Source resistance
10
W
ROL
Sink resistance
7.0
W
ISOURCE
Peak source current, VDRV = 0 V (guaranteed by design)
500
mA
ISINK
Peak sink current, VDRV = 12 V (guaranteed by design)
800
mA
VDRVlow
DRV pin level at VCC close to VCC(off) with a 10 kW resistor to GND
8.0
V
VDRVhigh
DRV pin level at VCC = 35 V (RL = 33 kW, CL = 1 nF)
10
12
14
V
REGULATION BLOCK
VREF
Feedback Voltage Reference:
from 0°C to 125°C
Over the temperature range
2.44
2.42
2.50
2.50
2.54
2.54
V
IEA
Error Amplifier Current Capability
±20
mA
GEA
Error Amplifier Gain
110
220
290
mS
VCONTROL
−VCONTROLMAX
−VCONTROLMIN
Vcontrol Pin Voltage
− @ VFB = 2 V
− @ VFB = 3 V
4.5
0.5
V
VOUTL / VREF
Ratio (VOUT Low Detect Threshold / VREF) (guaranteed by design)
95.0
95.5
96.0
%
HOUTL / VREF
Ratio (VOUT Low Detect Hysteresis / VREF) (guaranteed by design)
0.5
%
IBOOST
Vcontrol Pin Source Current when (VOUT Low Detect) is activated
180
220
250
mA
CURRENT SENSE AND ZERO CURRENT DETECTION BLOCKS
VCS(th)
Current Sense Voltage Reference
450
500
550
mV
4. There is actually a minimum dead−time that is the delay between the core reset detection and the DRV turning on (TZD parameter of the
“Current Sense and Zero Current Detection Blocks” section).


Similar Part No. - NCP1611ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1611ADR2G ONSEMI-NCP1611ADR2G Datasheet
813Kb / 29P
   Enhanced, High-Efficiency Power Factor Controller
January, 2015 ??Rev. 4
More results

Similar Description - NCP1611ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
NCP1602 ONSEMI-NCP1602_16 Datasheet
238Kb / 24P
   Enhanced, High-Efficiency Power Factor Controller
June, 2016 ??Rev. 2
NCP1611 ONSEMI-NCP1611_15 Datasheet
813Kb / 29P
   Enhanced, High-Efficiency Power Factor Controller
January, 2015 ??Rev. 4
NCP1622 ONSEMI-NCP1622 Datasheet
236Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
November, 2017 ??Rev. 4
NCP1623 ONSEMI-NCP1623 Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
NCL2801 ONSEMI-NCL2801 Datasheet
504Kb / 28P
   Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
NCP1612A ONSEMI-NCP1612A Datasheet
1Mb / 33P
   Enhanced, High?륟fficiency Power Factor Controller
May, 2016 ??Rev. 9
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com