Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGJ5L2X7R1H0R5JTXXXX Datasheet(PDF) 4 Page - TDK Electronics

Part # CGJ5L2X7R1H0R5JTXXXX
Description  CGJ Series Extended Life Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGJ5L2X7R1H0R5JTXXXX Datasheet(HTML) 4 Page - TDK Electronics

  CGJ5L2X7R1H0R5JTXXXX Datasheet HTML 1Page - TDK Electronics CGJ5L2X7R1H0R5JTXXXX Datasheet HTML 2Page - TDK Electronics CGJ5L2X7R1H0R5JTXXXX Datasheet HTML 3Page - TDK Electronics CGJ5L2X7R1H0R5JTXXXX Datasheet HTML 4Page - TDK Electronics CGJ5L2X7R1H0R5JTXXXX Datasheet HTML 5Page - TDK Electronics CGJ5L2X7R1H0R5JTXXXX Datasheet HTML 6Page - TDK Electronics CGJ5L2X7R1H0R5JTXXXX Datasheet HTML 7Page - TDK Electronics CGJ5L2X7R1H0R5JTXXXX Datasheet HTML 8Page - TDK Electronics CGJ5L2X7R1H0R5JTXXXX Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TDK MLCC US Catalog
Version C11
Page 3
Capacitance
Range Chart
CGJ2 [EIA CC0402]
0.50 mm
Standard
Thickness
Capacitance
(pF)
Cap
Code
Tolerance
C0G
1H
(50V)
100
101
J: ± 5%
120
121
150
151
180
181
220
221
270
271
330
331
390
391
470
471
560
561
680
681
820
821
1000
102
Capacitance Range Chart
Temperature Characteristics: C0G (0±30 ppm/ºC)
Rated Voltage: 50V (1H)
0.50 mm
Standard
Thickness
Capacitance Range Chart
Temperature Characteristics: X7R (± 15%)
Rated Voltage: 50V (1H), 25V (1E), 16V (1C)
Capacitance
(pF)
Cap
Code
Tolerance
X7R
1H
(50V)
1E
(25V)
1C
(16V)
1,000
102
K: ± 10%
1,500
152
2,200
222
3,300
332
4,700
472
6,800
682
10,000
103
15,000
153
22,000
223
33,000
333
47,000
473
68,000
683
100,000
104


Similar Part No. - CGJ5L2X7R1H0R5JTXXXX

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ5L2X7R1H101J TDK-CGJ5L2X7R1H101J Datasheet
1Mb / 12P
   CGJ series l High Reliability Series
CGJ5L2X7R1H102J TDK-CGJ5L2X7R1H102J Datasheet
1Mb / 12P
   CGJ series l High Reliability Series
CGJ5L2X7R1H105J TDK-CGJ5L2X7R1H105J Datasheet
1Mb / 12P
   CGJ series l High Reliability Series
CGJ5L2X7R1H474K160AA TDK-CGJ5L2X7R1H474K160AA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
CGJ5L2X7R1H474K160AA TDK-CGJ5L2X7R1H474K160AA_17 Datasheet
237Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CGJ5L2X7R1H0R5JTXXXX

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ2B2C0G1H101J TDK-CGJ2B2C0G1H101J Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
CGJ5L2X7R0J106KTXXXX TDK-CGJ5L2X7R0J106KTXXXX Datasheet
291Kb / 2P
   Extended Life MLCC
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M_16 Datasheet
267Kb / 3P
   Extended Life, 2000 hours
104CKH050M ILLINOISCAPACITOR-104CKH050M_16 Datasheet
310Kb / 3P
   Extended life 2000 hour
logo
Tadiran Batteries GmbH
SL-850 TADIRN-SL-850 Datasheet
363Kb / 1P
   XOL ??extended operating life
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_16 Datasheet
348Kb / 5P
   Extended Life, 3000 hours
TMA ILLINOISCAPACITOR-TMA Datasheet
261Kb / 3P
   Extended Life - High voltage
logo
Tadiran Batteries GmbH
SL-860 TADIRN-SL-860 Datasheet
383Kb / 1P
   XOL ??extended operating life
SL-861 TADIRN-SL-861 Datasheet
385Kb / 1P
   XOL ??extended operating life
SL-2880 TADIRN-SL-2880 Datasheet
408Kb / 1P
   XOL ??extended operating life
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com