Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143ZM3T5G Datasheet(PDF) 1 Page - ON Semiconductor

Part # DTC143ZM3T5G
Description  Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC143ZM3T5G Datasheet(HTML) 1 Page - ON Semiconductor

  DTC143ZM3T5G Datasheet HTML 1Page - ON Semiconductor DTC143ZM3T5G Datasheet HTML 2Page - ON Semiconductor DTC143ZM3T5G Datasheet HTML 3Page - ON Semiconductor DTC143ZM3T5G Datasheet HTML 4Page - ON Semiconductor DTC143ZM3T5G Datasheet HTML 5Page - ON Semiconductor DTC143ZM3T5G Datasheet HTML 6Page - ON Semiconductor DTC143ZM3T5G Datasheet HTML 7Page - ON Semiconductor DTC143ZM3T5G Datasheet HTML 8Page - ON Semiconductor DTC143ZM3T5G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2012
August, 2012 − Rev. 0
1
Publication Order Number:
DTC143Z/D
MUN2233, MMUN2233L,
MUN5233, DTC143ZE,
DTC143ZM3, NSBC143ZF3
Digital Transistors (BRT)
R1 = 4.7 kW, R2 = 47 kW
NPN Transistors with Monolithic Bias
Resistor Network
This series of digital transistors is designed to replace a single
device and its external resistor bias network. The Bias Resistor
Transistor (BRT) contains a single transistor with a monolithic bias
network consisting of two resistors; a series base resistor and a
base−emitter resistor. The BRT eliminates these individual
components by integrating them into a single device. The use of a BRT
can reduce both system cost and board space.
Features
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
S and NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Collector−Base Voltage
VCBO
50
Vdc
Collector−Emitter Voltage
VCEO
50
Vdc
Collector Current − Continuous
IC
100
mAdc
Input Forward Voltage
VIN(fwd)
30
Vdc
Input Reverse Voltage
VIN(rev)
5
Vdc
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
PIN 3
COLLECTOR
(OUTPUT)
PIN 2
EMITTER
(GROUND)
PIN 1
BASE
(INPUT)
R1
R2
See detailed ordering, marking, and shipping information in
the package dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
SC−75
CASE 463
STYLE 1
MARKING DIAGRAMS
XXX
= Specific Device Code
M
= Date Code*
G
=Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.
SC−59
CASE 318D
STYLE 1
SOT−23
CASE 318
STYLE 6
SC−70/SOT−323
CASE 419
STYLE 3
SOT−723
CASE 631AA
STYLE 1
SOT−1123
CASE 524AA
STYLE 1
XX MG
G
1
1
XXX MG
G
XX MG
G
1
XX M
1
X M
XX M
1
1
PIN CONNECTIONS


Similar Part No. - DTC143ZM3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC143ZM3T5G ONSEMI-DTC143ZM3T5G Datasheet
82Kb / 10P
   Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
March, 2006 ??Rev. 3
DTC143ZM3T5G ONSEMI-DTC143ZM3T5G Datasheet
133Kb / 11P
   Digital Transistors
March, 2011 ??Rev. 4
DTC143ZM3T5G ONSEMI-DTC143ZM3T5G Datasheet
110Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
January, 2015 ??Rev. 5
DTC143ZM3T5G ONSEMI-DTC143ZM3T5G Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com