Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSBA123EDXV6T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSBA123EDXV6T1G
Description  Dual PNP Bias Resistor Transistors R1 = 2.2 k, R2 = 2.2 k
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBA123EDXV6T1G Datasheet(HTML) 2 Page - ON Semiconductor

  NSBA123EDXV6T1G Datasheet HTML 1Page - ON Semiconductor NSBA123EDXV6T1G Datasheet HTML 2Page - ON Semiconductor NSBA123EDXV6T1G Datasheet HTML 3Page - ON Semiconductor NSBA123EDXV6T1G Datasheet HTML 4Page - ON Semiconductor NSBA123EDXV6T1G Datasheet HTML 5Page - ON Semiconductor NSBA123EDXV6T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MUN5131DW1, NSBA123EDXV6
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
MUN5131DW1 (SOT−363) One Junction Heated
Total Device Dissipation
TA = 25°C
(Note 1)
(Note 2)
Derate above 25°C
(Note 1)
(Note 2)
PD
187
256
1.5
2.0
mW
mW/°C
Thermal Resistance,
(Note 1)
Junction to Ambient
(Note 2)
RqJA
670
490
°C/W
MUN5131DW1 (SOT−363) Both Junction Heated (Note 3)
Total Device Dissipation
TA = 25°C
(Note 1)
(Note 2)
Derate above 25°C
(Note 1)
(Note 2)
PD
250
385
2.0
3.0
mW
mW/°C
Thermal Resistance,
(Note 1)
Junction to Ambient
(Note 2)
RqJA
493
325
°C/W
Thermal Resistance,
(Note 1)
Junction to Lead
(Note 2)
RqJL
188
208
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
NSBA123EDXV6 (SOT−563) One Junction Heated
Total Device Dissipation
TA = 25°C
(Note 1)
Derate above 25°C
(Note 1)
PD
357
2.9
mW
mW/°C
Thermal Resistance,
Junction to Ambient
(Note 1)
RqJA
350
°C/W
NSBA123EDXV6 (SOT−563) Both Junction Heated (Note 3)
Total Device Dissipation
TA = 25°C
(Note 1)
Derate above 25°C
(Note 1)
PD
500
4.0
mW
mW/°C
Thermal Resistance,
Junction to Ambient
(Note 1)
RqJA
250
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
1. FR−4 @ Minimum Pad.
2. FR−4 @ 1.0 x 1.0 Inch Pad.
3. Both junction heated values assume total power is sum of two equally powered channels.


Similar Part No. - NSBA123EDXV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBA123EF3 ONSEMI-NSBA123EF3 Datasheet
103Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 4
NSBA123EF3 ONSEMI-NSBA123EF3 Datasheet
176Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
NSBA123EF3T5G ONSEMI-NSBA123EF3T5G Datasheet
103Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 4
NSBA123EF3T5G ONSEMI-NSBA123EF3T5G Datasheet
176Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com