Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R76UR3100XX3XX Datasheet(PDF) 9 Page - Kemet Corporation

Part # R76UR3100XX3XX
Description  POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R76UR3100XX3XX Datasheet(HTML) 9 Page - Kemet Corporation

Back Button R76UR3100XX3XX Datasheet HTML 4Page - Kemet Corporation R76UR3100XX3XX Datasheet HTML 5Page - Kemet Corporation R76UR3100XX3XX Datasheet HTML 6Page - Kemet Corporation R76UR3100XX3XX Datasheet HTML 7Page - Kemet Corporation R76UR3100XX3XX Datasheet HTML 8Page - Kemet Corporation R76UR3100XX3XX Datasheet HTML 9Page - Kemet Corporation R76UR3100XX3XX Datasheet HTML 10Page - Kemet Corporation R76UR3100XX3XX Datasheet HTML 11Page - Kemet Corporation R76UR3100XX3XX Datasheet HTML 12Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
09/2008
124
R76
MMKP Series
polypRopylENE capacitoR WitH DoUBlE
SiDED MEtalliZED FilM ElEctRoDES D.c. aND
pUlSE applicatioNS
PRODUCT CODE:
R76
Rated
cap.
2000Vdc / 700Vac
Std dimensions
Max
dv/dt
Max K
0
part Number
b
H
L
p
(V/µs)
(V2/µs)
1000 pF
6.0 15.0 26.5 22.5
3500
1400 E4 R76UN1100--0--
1200 pF
6.0 15.0 26.5 22.5
3500
1400 E4 R76UN1120--0--
1500 pF
6.0 15.0 26.5 22.5
3500
1400 E4 R76UN1150--0--
1800 pF
6.0 15.0 26.5 22.5
3500
1400 E4 R76UN1180--0--
2200 pF
6.0 15.0 26.5 22.5
3500
1400 E4 R76UN1220--0--
2700 pF
6.0 15.0 26.5 22.5
3500
1400 E4 R76UN1270--0--
3300 pF
6.0 15.0 26.5 22.5
3500
1400 E4 R76UN1330--0--
3900 pF
6.0 15.0 26.5 22.5
3500
1400 E4 R76UN1390--0--
4700 pF
6.0 15.0 26.5 22.5
3500
1400 E4 R76UN1470--0--
5600 pF
6.0 15.0 26.5 22.5
3500
1400 E4 R76UN1560--0--
6800 pF
6.0 15.0 26.5 22.5
3500
1400 E4 R76UN1680--0--
8200 pF
6.0 15.0 26.5 22.5
3500
1400 E4 R76UN1820--3--
0.010 µF
6.0 15.0 26.5 22.5
3500
1400 E4 R76UN2100--3--
0.012 µF
6.0 15.0 26.5 22.5
3500
1400 E4 R76UN2120--3--
0.015 µF
6.0 15.0 26.5 22.5
3500
1400 E4 R76UN2150--4--
0.018 µF
6.0 15.0 26.5 22.5
3500
1400 E4 R76UN2180--4--
0.022 µF
7.0 16.0 26.5 22.5
3500
1400 E4 R76UN2220--4--
0.027 µF
7.0 16.0 26.5 22.5
3500
1400 E4 R76UN2270--4--
0.033 µF
8.5 17.0 26.5 22.5
3500
1400 E4 R76UN2330--4--
0.039 µF 10.0 18.0 26.5 22.5
3500
1400 E4 R76UN2390--4--
0.047 µF 10.0 18.0 26.5 22.5
3500
1400 E4 R76UN2470--4--
0.056 µF 11.0 20.0 26.5 22.5
3500
1400 E4 R76UN2560--4--
0.022 µF
9.0 17.0 32.0 27.5
2300
920 E4 R76UR 2220--3--
0.027 µF
9.0 17.0 32.0 27.5
2300
920 E4 R76UR 2270--3--
0.033 µF
9.0 17.0 32.0 27.5
2300
920 E4 R76UR 2330--3--
0.039 µF
9.0 17.0 32.0 27.5
2300
920 E4 R76UR 2390--4--
0.047 µF 11.0 20.0 32.0 27.5
2300
920 E4 R76UR 2470--3--
0.056 µF 13.0 22.0 32.0 27.5
2300
920 E4 R76UR 2560--3--
0.068 µF 13.0 22.0 32.0 27.5
2300
920 E4 R76UR 2680--3--
0.082 µF 13.0 25.0 32.0 27.5
2300
920 E4 R76UR 2820--4--
0.10 µF 14.0 28.0 32.0 27.5
2300
920 E4 R76UR 3100--3--
0.12 µF 18.0 33.0 32.0 27.5
2300
920 E4 R76UR 3120--3--
0.15 µF 18.0 33.0 32.0 27.5
2300
920 E4 R76UR 3150--3--
0.18 µF 22.0 37.0 32.0 27.5
2300
920 E4 R76UR 3180--3--
0.22 µF 22.0 37.0 32.0 27.5
2300
920 E4 R76UR 3220--3--
0.033 µF 11.0 22.0 41.5 37.5
1500
600 E4 R76UW2330--3--
0.039 µF 11.0 22.0 41.5 37.5
1500
600 E4 R76UW2390--3--
0.047 µF 11.0 22.0 41.5 37.5
1500
600 E4 R76UW2470--3--
0.056 µF 11.0 22.0 41.5 37.5
1500
600 E4 R76UW2560--3--
0.068 µF 11.0 22.0 41.5 37.5
1500
600 E4 R76UW2680--3--
0.082 µF 11.0 22.0 41.5 37.5
1500
600 E4 R76UW2820--3--
0.10 µF 13.0 24.0 41.5 37.5
1500
600 E4 R76UW3100--3--
0.12 µF 13.0 24.0 41.5 37.5
1500
600 E4 R76UW3120--3--
0.15 µF 16.0 28.5 41.5 37.5
1500
600 E4 R76UW3150--3--
0.18 µF 16.0 28.5 41.5 37.5
1500
600 E4 R76UW3180--3--
0.22 µF 19.0 32.0 41.5 37.5
1500
600 E4 R76UW3220--3--
0.27 µF 20.0 40.0 41.5 37.5
1500
600 E4 R76UW3270--3--
0.33 µF 20.0 40.0 41.5 37.5
1500
600 E4 R76UW3330--3--
0.39 µF 24.0 44.0 41.5 37.5
1500
600 E4 R76UW3390--3--
0.47 µF 24.0 44.0 41.5 37.5
1500
600 E4 R76UW3470--3--
0.56 µF 30.0 45.0 41.5 37.5
1500
600 E4 R76UW3560--3--
0.68 µF 30.0 45.0 41.5 37.5
1500
600 E4 R76UW3680--3--
Rated
cap.
2000Vdc / 700Vac
Std dimensions
Max
dv/dt
Max K
0
part Number
b
H
L
p
(V/µs)
(V2/µs)
100 pF
4.0 10.0 18.0 15.0
9500
3800 E4 R76UI 0100--4--
120 pF
4.0 10.0 18.0 15.0
9500
3800 E4 R76UI 0120--4--
150 pF
4.0 10.0 18.0 15.0
9500
3800 E4 R76UI 0150--4--
180 pF
4.0 10.0 18.0 15.0
9500
3800 E4 R76UI 0180--4--
220 pF
4.0 10.0 18.0 15.0
9500
3800 E4 R76UI 0220--4--
220 pF
5.0 11.0 18.0 15.0
9500
3800 E4 R76UI 0220--0--
270 pF
4.0 10.0 18.0 15.0
9500
3800 E4 R76UI 0270--4--
270 pF
5.0 11.0 18.0 15.0
9500
3800 E4 R76UI 0270--0--
330 pF
4.0 10.0 18.0 15.0
9500
3800 E4 R76UI 0330--4--
330 pF
5.0 11.0 18.0 15.0
9500
3800 E4 R76UI 0330--0--
390 pF
4.0 10.0 18.0 15.0
9500
3800 E4 R76UI 0390--4--
390 pF
5.0 11.0 18.0 15.0
9500
3800 E4 R76UI 0390--0--
470 pF
4.0 10.0 18.0 15.0
9500
3800 E4 R76UI 0470--4--
470 pF
5.0 11.0 18.0 15.0
9500
3800 E4 R76UI 0470--0--
560 pF
4.0 10.0 18.0 15.0
9500
3800 E4 R76UI 0560--4--
560 pF
5.0 11.0 18.0 15.0
9500
3800 E4 R76UI 0560--0--
680 pF
4.0 10.0 18.0 15.0
9500
3800 E4 R76UI 0680--4--
680 pF
5.0 11.0 18.0 15.0
9500
3800 E4 R76UI 0680--0--
820 pF
4.0 10.0 18.0 15.0
9500
3800 E4 R76UI 0820--4--
820 pF
5.0 11.0 18.0 15.0
9500
3800 E4 R76UI 0820--0--
1000 pF
4.0 10.0 18.0 15.0
9500
3800 E4 R76UI 1100--4--
1000 pF
5.0 11.0 18.0 15.0
9500
3800 E4 R76UI 1100--3--
1200 pF
4.0 10.0 18.0 15.0
9500
3800 E4 R76UI 1120--4--
1200 pF
5.0 11.0 18.0 15.0
9500
3800 E4 R76UI 1120--3--
1500 pF
4.0 10.0 18.0 15.0
9500
3800 E4 R76UI 1150--4--
1500 pF
5.0 11.0 18.0 15.0
9500
3800 E4 R76UI 1150--3--
1800 pF
4.0 10.0 18.0 15.0
9500
3800 E4 R76UI 1180--4--
1800 pF
5.0 11.0 18.0 15.0
9500
3800 E4 R76UI 1180--3--
2200 pF
4.0 10.0 18.0 15.0
9500
3800 E4 R76UI 1220--4--
2200 pF
5.0 11.0 18.0 15.0
9500
3800 E4 R76UI 1220--3--
2700 pF
4.0 10.0 18.0 15.0
9500
3800 E4 R76UI 1270--4--
2700 pF
5.0 11.0 18.0 15.0
9500
3800 E4 R76UI 1270--3--
3300 pF
5.0 11.0 18.0 15.0
9500
3800 E4 R76UI 1330--4--
3900 pF
5.0 11.0 18.0 15.0
9500
3800 E4 R76UI 1390--4--
4700 pF
5.0 11.0 18.0 15.0
9500
3800 E4 R76UI 1470--4--
5600 pF
6.0 12.0 18.0 15.0
9500
3800 E4 R76UI 1560--4--
6800 pF
6.0 12.0 18.0 15.0
9500
3800 E4 R76UI 1680--4--
8200 pF
6.0 12.0 18.0 15.0
9500
3800 E4 R76UI 1820--4--
0.010 µF
7.5 13.5 18.0 15.0
9500
3800 E4 R76UI 2100--4--
0.010 µF 13.0 12.0 18.0 15.0
9500
3800 E4 R76UI 2100--7--
0.012 µF
8.5 14.5 18.0 15.0
9500
3800 E4 R76UI 2120--4--
0.015 µF
8.5 14.5 18.0 15.0
9500
3800 E4 R76UI 2150--4--
All dimensions are in mm
Note: If the working voltage (V) is lower than the rated
voltage (V
r), the capacitor may work at higher dv/dt.
In this case the maximum value allowed is obtained
multiplying the above value (see table dv/dt) with the
ratio V
r /V. The pulse characteristic K0 depends on the
voltage wave-form and in any case it cannot overcome
the value given in the above table. The dv/dt test is
carried out at 2 times the above values.
**Tolerance H (±2.5%) for C ≥1000pF
2 sections
(2000Vdc)
double sided metallized
polyester carrier film
polypropylene film
dielectric
single sided metallized
polypropylene film
Mechanical version and packaging (Table1)
Internal use
Tolerance: H (±2.5%)*; (J (±5%); K (±10%)
Mechanical version and packaging (Table1)
Internal use
Tolerance: H (±2.5%); (J (±5%); K (±10%)


Similar Part No. - R76UR3100XX3XX

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R76UR31004030J KEMET-R76UR31004030J Datasheet
56Kb / 1P
   Capacitor, film, 0.1 uF, /-5% Tol, -55/105C, General Purpose, 2000 VDC@85C, Lead Spacing=27.5 mm
R76UR310050H3J KEMET-R76UR310050H3J Datasheet
57Kb / 1P
   R76_125C, Film, Double Metallized Polypropylene, General Purpose, 0.1 uF, 5%, 2000 VDC, 105째C, Lead Spacing = 27.5mm
R76UR3100SE30J KEMET-R76UR3100SE30J Datasheet
466Kb / 4P
   R76, Film, Double Metallized Polypropylene, General Purpose, 0.1 uF, 5%, 2000 VDC, 85°C, Lead Spacing = 27.5mm
R76UR3100SE30K KEMET-R76UR3100SE30K Datasheet
54Kb / 1P
   R76, Film, Double Metallized Polypropylene, Commercial Grade, 0.1 uF, 10%, 2,000 V, 85C, Lead Spacing = 27.5mm
More results

Similar Description - R76UR3100XX3XX

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105MHBA06K2H ILLINOISCAPACITOR-105MHBA06K2H Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
logo
Surge Components
C82 SURGE-C82 Datasheet
6Mb / 16P
   Double sided metallized polypropylene structure
C84 SURGE-C84 Datasheet
2Mb / 13P
   Double sided metallized polypropylene structure
logo
jb Capacitors Company
JFQ JBCAPACITORS-JFQ Datasheet
810Kb / 7P
   Box Type Double Sided Met Polypropylene Film Capacitor
logo
List of Unclassifed Man...
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com