Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC124XM3T5G Datasheet(PDF) 2 Page - ON Semiconductor

Part # DTC124XM3T5G
Description  Digital Transistors (BRT) R1 = 22 k, R2 = 47 k
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC124XM3T5G Datasheet(HTML) 2 Page - ON Semiconductor

  DTC124XM3T5G Datasheet HTML 1Page - ON Semiconductor DTC124XM3T5G Datasheet HTML 2Page - ON Semiconductor DTC124XM3T5G Datasheet HTML 3Page - ON Semiconductor DTC124XM3T5G Datasheet HTML 4Page - ON Semiconductor DTC124XM3T5G Datasheet HTML 5Page - ON Semiconductor DTC124XM3T5G Datasheet HTML 6Page - ON Semiconductor DTC124XM3T5G Datasheet HTML 7Page - ON Semiconductor DTC124XM3T5G Datasheet HTML 8Page - ON Semiconductor DTC124XM3T5G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MUN2234, MMUN2234L, MUN5234, DTC124XE, DTC124XM3
http://onsemi.com
2
Table 1. ORDERING INFORMATION
Device
Part Marking
Package
Shipping
MUN2234T1G
8L
SC−59
3,000 / Tape & Reel
MMUN2234LT1G,
SMMUN2234LT1G
A8L
SOT−23
3,000 / Tape & Reel
MUN5234T1G
8L
SC−70/SOT−323
3,000 / Tape & Reel
DTC124XET1G
8L
SC−75
3,000 / Tape & Reel
DTC124XM3T5G
8L
SOT−723
8,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Figure 1. Derating Curve
AMBIENT TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
0
50
100
150
200
250
300
150
(1) (2)
(3) (4)
(1) SC−75 and SC−70/SOT−323; Minimum Pad
(2) SC−59; Minimum Pad
(3) SOT−1123; 100 mm2, 1 oz. copper trace
(4) SOT−723; Minimum Pad


Similar Part No. - DTC124XM3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC124XM3T5G ONSEMI-DTC124XM3T5G Datasheet
82Kb / 10P
   Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
March, 2006 ??Rev. 3
DTC124XM3T5G ONSEMI-DTC124XM3T5G Datasheet
133Kb / 11P
   Digital Transistors
March, 2011 ??Rev. 4
DTC124XM3T5G ONSEMI-DTC124XM3T5G Datasheet
143Kb / 11P
   Digital Transistors (BRT) R1 = 22 k, R2 = 47 k
February, 2013 ??Rev. 1
DTC124XM3T5G ONSEMI-DTC124XM3T5G Datasheet
134Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com