Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC114YM3T5G Datasheet(PDF) 6 Page - ON Semiconductor

Part # DTC114YM3T5G
Description  Digital Transistors (BRT) R1 = 10 k, R2 = 47 k
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC114YM3T5G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button DTC114YM3T5G Datasheet HTML 2Page - ON Semiconductor DTC114YM3T5G Datasheet HTML 3Page - ON Semiconductor DTC114YM3T5G Datasheet HTML 4Page - ON Semiconductor DTC114YM3T5G Datasheet HTML 5Page - ON Semiconductor DTC114YM3T5G Datasheet HTML 6Page - ON Semiconductor DTC114YM3T5G Datasheet HTML 7Page - ON Semiconductor DTC114YM3T5G Datasheet HTML 8Page - ON Semiconductor DTC114YM3T5G Datasheet HTML 9Page - ON Semiconductor DTC114YM3T5G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MUN2214, MMUN2214L, MUN5214, DTC114YE, DTC114YM3, NSBC114YF3
http://onsemi.com
6
TYPICAL CHARACTERISTICS
NSBC114YF3
1000
100
10
1
Figure 7. VCE(sat) vs. IC
10
020
30
IC, COLLECTOR CURRENT (mA)
40
50
Figure 8. DC Current Gain
Figure 9. Output Capacitance
010
20
50
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 10. Output Current vs. Input Voltage
100
10
1
0.1
0.01
0.001
012
3
4
Vin, INPUT VOLTAGE (V)
56
7
Figure 11. Input Voltage vs. Output Current
VR, REVERSE VOLTAGE (V)
IC/IB = 10
−55°C
150°C
25°C
f = 10 kHz
IE = 0 A
TA = 25°C
VO = 5 V
150°C
−55°C
25°C
VO = 0.2 V
25°C
1
0.1
0.01
40
30
0.1
1
100
10
VCE = 10 V
25°C
150°C
−55°C
2.4
010
20
30
40
50
100
10
1
0.1
150°C
−55°C
2
1.6
1.2
0.8
0.4
0


Similar Part No. - DTC114YM3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114YM3T5G ONSEMI-DTC114YM3T5G Datasheet
82Kb / 10P
   Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
March, 2006 ??Rev. 3
DTC114YM3T5G ONSEMI-DTC114YM3T5G Datasheet
133Kb / 11P
   Digital Transistors
March, 2011 ??Rev. 4
DTC114YM3T5G ONSEMI-DTC114YM3T5G Datasheet
150Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 47 k
November, 2013 ??Rev. 3
DTC114YM3T5G ONSEMI-DTC114YM3T5G Datasheet
141Kb / 12P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com