Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXA2126Q Datasheet(PDF) 1 Page - Sony Corporation

Part No. CXA2126Q
Description  Audio/Video Switch with Electronic Volume for 2 Scart
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2126Q Datasheet(HTML) 1 Page - Sony Corporation

  CXA2126Q Datasheet HTML 1Page - Sony Corporation CXA2126Q Datasheet HTML 2Page - Sony Corporation CXA2126Q Datasheet HTML 3Page - Sony Corporation CXA2126Q Datasheet HTML 4Page - Sony Corporation CXA2126Q Datasheet HTML 5Page - Sony Corporation CXA2126Q Datasheet HTML 6Page - Sony Corporation CXA2126Q Datasheet HTML 7Page - Sony Corporation CXA2126Q Datasheet HTML 8Page - Sony Corporation CXA2126Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Audio/Video Switch with Electronic Volume for 2 Scart
Description
The CXA2126Q is an I2C programmable audio, video
switch designed primarily for set top box applications. It
interfaces from digital encoder sources to TV and VCR
scart connectors.
Features
• 2 scart independent audio/video switching (TV, VCR)
• Compatible with 3 scart Audio/Video switch,
CXA2125Q
• 0 to –63dB volume control with click noise reduction
• 3 stereo audio inputs
• I2C control
• Scart Function Switching input and output
• Scart Fast Blanking for OSD
• Mono switchable to stereo on TV and VCR outputs
• On-chip +12V to +9V voltage regulator
• Logic output
• Selectable +6dB, +12dB gain on TV output
• RGB input on VCR scart
Applications
Digital Set Top Box
Structure
Bipolar silicon monolithic IC
Absolute Maximum Ratings
• Supply voltage
VCC
12
V
• Operating temperature Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
850
mW
Operating Conditions
• Supply voltage
10.7 to 12
V
• Operating voltage
9 ± 0.5
V
– 1 –
E99339-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA2126Q
64 pin QFP (Plastic)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn