Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXA2126Q Datasheet(PDF) 4 Page - Sony Corporation

Part No. CXA2126Q
Description  Audio/Video Switch with Electronic Volume for 2 Scart
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2126Q Datasheet(HTML) 4 Page - Sony Corporation

  CXA2126Q Datasheet HTML 1Page - Sony Corporation CXA2126Q Datasheet HTML 2Page - Sony Corporation CXA2126Q Datasheet HTML 3Page - Sony Corporation CXA2126Q Datasheet HTML 4Page - Sony Corporation CXA2126Q Datasheet HTML 5Page - Sony Corporation CXA2126Q Datasheet HTML 6Page - Sony Corporation CXA2126Q Datasheet HTML 7Page - Sony Corporation CXA2126Q Datasheet HTML 8Page - Sony Corporation CXA2126Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
– 4 –
CXA2126Q
Pin Description
Pin
No.
Symbol
Pin
voltage
Equivalent circuit
Description
63
61
2
59
55
23
4
6
57
8
10
VCC = 12V
VCC = 9V
14
µA
120k
147
60
µA
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
VIN8
VIN9
VIN10
VIN11
4.6V
Video signal inputs.
An input coupling
capacitor is required.
(typ = 0.47µF)
63
61
2
59
4
6
57
8
10
55
23
12
22
14
24
VCC = 12V
33k
33k
7
µA
4.5V
RIN2
RIN3
LIN2
LIN3
4.5V
Audio signal inputs.
An input coupling
capacitor is required.
(typ = 2.2µF)
12
22
14
24
48
47
46
49
41
44
VCC = 12V
VCC = 9V
140
µA
280
µA
200
100
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VOUT6
3.9V
Video signal outputs.
48
47
46
49
41
44
35
37
33
40
34
42
36
VCC = 12V
VCC = 9V
55
20k
22k
20k
33
µA
33
µA
RTV
ROUT1
LTV
LOUT1
PHONO_R
PHONO_L
MONO
4.5V
Audio signal outputs.
A coupling capacitor may
be used.
(typ = 10µF)
40
34
42
36
35
37
33


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn