Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXA2125Q Datasheet(PDF) 5 Page - Sony Corporation

Part No. CXA2125Q
Description  Audio/Video Switch with Electronic Volume for 3 Scart
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2125Q Datasheet(HTML) 5 Page - Sony Corporation

  CXA2125Q Datasheet HTML 1Page - Sony Corporation CXA2125Q Datasheet HTML 2Page - Sony Corporation CXA2125Q Datasheet HTML 3Page - Sony Corporation CXA2125Q Datasheet HTML 4Page - Sony Corporation CXA2125Q Datasheet HTML 5Page - Sony Corporation CXA2125Q Datasheet HTML 6Page - Sony Corporation CXA2125Q Datasheet HTML 7Page - Sony Corporation CXA2125Q Datasheet HTML 8Page - Sony Corporation CXA2125Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
– 5 –
CXA2125Q
35
37
33
40
34
31
42
36
32
VCC = 12V
VCC = 9V
55
20k
22k
20k
33
µA
33
µA
RTV
ROUT1
ROUT2
LTV
LOUT1
LOUT2
PHONO_R
PHONO_L
MONO
4.5V
Audio signal outputs.
A coupling capacitor may
be used.
(typ = 10µF)
40
34
31
42
36
32
35
37
33
Pin
No.
Symbol
Pin
voltage
Equivalent circuit
Description
62
VCC = 12V
VCC = 9V
14
µA
11k
9k
200
BIAS_
VIDEO
3.9V
Reference Bias for video
circuit.
Connected to GND with
capacitor.
(typ = 47µF)
62
7
µA
19
VCC = 12V
VCC = 9V
20k
20k
BIAS_
AUDIO
4.5V
Reference Bias for audio
circuit.
Connected to GND with
capacitor.
(typ = 22µF)
19
30
VCC = 12V
120
3k
15k
FNC_TV
I2C controlled output
giving 0V, 6V or 12V.
30


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn