Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXA2125Q Datasheet(PDF) 4 Page - Sony Corporation

Part No. CXA2125Q
Description  Audio/Video Switch with Electronic Volume for 3 Scart
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2125Q Datasheet(HTML) 4 Page - Sony Corporation

  CXA2125Q Datasheet HTML 1Page - Sony Corporation CXA2125Q Datasheet HTML 2Page - Sony Corporation CXA2125Q Datasheet HTML 3Page - Sony Corporation CXA2125Q Datasheet HTML 4Page - Sony Corporation CXA2125Q Datasheet HTML 5Page - Sony Corporation CXA2125Q Datasheet HTML 6Page - Sony Corporation CXA2125Q Datasheet HTML 7Page - Sony Corporation CXA2125Q Datasheet HTML 8Page - Sony Corporation CXA2125Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
– 4 –
CXA2125Q
Pin Description
Pin
No.
Symbol
Pin
voltage
Equivalent circuit
Description
63
61
13
2
59
15
55
23
4
6
57
17
8
10
21
25
VCC = 12V
VCC = 9V
14
µA
120k
147
60
µA
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
VIN8
VIN9
VIN10
VIN11
VIN12
VIN13
VIN14
VIN15
VIN16
4.6V
Video signal inputs.
An input coupling
capacitor is required.
(typ = 0.47µF)
63
61
13
2
59
15
4
6
57
17
8
10
55
21
23
25
12
16
22
27
14
18
24
29
VCC = 12V
33k
33k
7
µA
4.5V
RIN2
RIN3
RIN4
RIN5
LIN2
LIN3
LIN4
LIN5
4.5V
Audio signal inputs.
An input coupling
capacitor is required.
(typ = 2.2µF)
12
16
22
27
14
18
24
29
48
47
46
49
41
44
39
VCC = 12V
VCC = 9V
140
µA
280
µA
200
100
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VOUT6
VOUT7
3.9V
Video signal outputs.
48
47
46
49
41
44
39


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn