Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXA2125Q Datasheet(PDF) 3 Page - Sony Corporation

Part No. CXA2125Q
Description  Audio/Video Switch with Electronic Volume for 3 Scart
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2125Q Datasheet(HTML) 3 Page - Sony Corporation

  CXA2125Q Datasheet HTML 1Page - Sony Corporation CXA2125Q Datasheet HTML 2Page - Sony Corporation CXA2125Q Datasheet HTML 3Page - Sony Corporation CXA2125Q Datasheet HTML 4Page - Sony Corporation CXA2125Q Datasheet HTML 5Page - Sony Corporation CXA2125Q Datasheet HTML 6Page - Sony Corporation CXA2125Q Datasheet HTML 7Page - Sony Corporation CXA2125Q Datasheet HTML 8Page - Sony Corporation CXA2125Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
– 3 –
CXA2125Q
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
20
21
22
23
24
25
26
27
28
29
30
31
32
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
FBLK_IN1
FBLK_IN2
VREG_9V
VIN13
VREG_BASE
VIN9
VCC_12V
VIN5
VID_VCC
VIN2
VID_BIAS
VIN1
FNC_VCR
17 18 19
33
34
35
LOUT2
ROUT2
FNC_TV
LIN5
LOGIC
RIN5
AUD_GND
VIN16
LIN4
VIN15
RIN4
VIN14
AUD_VCC
Pin Configuration


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn