Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXA2125Q Datasheet(PDF) 2 Page - Sony Corporation

Part No. CXA2125Q
Description  Audio/Video Switch with Electronic Volume for 3 Scart
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2125Q Datasheet(HTML) 2 Page - Sony Corporation

  CXA2125Q Datasheet HTML 1Page - Sony Corporation CXA2125Q Datasheet HTML 2Page - Sony Corporation CXA2125Q Datasheet HTML 3Page - Sony Corporation CXA2125Q Datasheet HTML 4Page - Sony Corporation CXA2125Q Datasheet HTML 5Page - Sony Corporation CXA2125Q Datasheet HTML 6Page - Sony Corporation CXA2125Q Datasheet HTML 7Page - Sony Corporation CXA2125Q Datasheet HTML 8Page - Sony Corporation CXA2125Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
– 2 –
CXA2125Q
Block Diagram
× 2
× 2
ROUT2
31
LOUT2
32
MONO SWITCH
× 2
× 2
ROUT1
34
LOUT1
36
8dB
1dB
0/6dB
MONO SWITCH
Selectable Gain Stage
MONO SWITCH
VOUT7
100
× 2
× 2
× 2
× 2
× 2
× 2
FBLK_IN1
DIG
Typical Connection
VCR
AUX
DIG BLUE
VCR BLUE
AUX BLUE
DIG GREEN/CVBS
VCR GREEN
AUX GREEN
DIG RED/CHROMA
DIG CHROMA
VCR RED/CHROMA
AUX RED/CHROMA
DIG CVBS/LUMA
DIG CVBS/LUMA
VCR CVBS/LUMA
AUX CVBS/LUMA
TV CVBS
DIG
VCR
AUX
TV
ANALOGUE SAT
DIG
VCR
AUX
TV
ANALOGUE SAT
ANALOGUE SAT CVBS
TV_FBLANK
+5V
0V
FBLK_IN2
FBLK_SW
100
FBLK_IN3
VIN1
VIN2
VIN3
VIDEO_SWITCH1 (TV)
VIN4
VIN5
VIN6
VIN7
VIN8
VIN9
VIN10
VIN11
VIN12
VIN13
VIN14
VIN15
VIN16
VIDEO_SWITCH2 (VCR)
VIDEO_SWITCH3 (AUX)
AUDIO_SWITCH1 (TV)
VOLUME CONTROL
& MUTE
8dB
ZCD
1dB
0/6dB
52
53
51
63
61
13
2
59
15
4
6
57
17
8
10
55
21
23
25
VID_VCC
VID_BIAS
VID_GND
60
62
7
Bias
Bias
4.5V
Mute
Bias 1
4.05V
AUD_VCC
DIG_VCC
AUD_BIAS
AUD_GND
DIG_GND
20
19
26
Bias 2
4.5V
VCC_12V
VREG_BASE
VREG_9V
58
56
38
43
54
RIN1
3
RIN2 12
RIN3 16
RIN4 22
RIN5 27
9V reg
–6dB
–6dB
–6dB
–6dB
LIN1
5
LIN2 14
LIN3 18
LIN4 24
LIN5 29
–6dB
–6dB
HW_MUTE 45
SDA 11
SCL
9
FNC_VCR 64
FNC_AUX
1
Monitor
Monitor
–6dB
–6dB
TV BLUE
TV GREEN
TV RED/C
TV CVBS/Y
VCR CHROMA
AUX CVBS
VCR CVBS/Y
Typical Connection
50
VOUT1
100
48
× 2
VOUT2
100
47
× 2
VOUT3
100
46
× 2
VOUT4
100
49
× 2
VOUT5
100
41
× 2
VOUT6
100
44
FNC_TV
30
LOGIC
28
× 2
39
MONO
33
PHONO_R
35
RTV
40
LTV
TV
42
PHONO_L
37
AUDIO_SWITCH2 (VCR)
AUDIO_SWITCH3 (AUX)
I2C
Interface
LOGIC
P.O.D
VCR
AUX
TV
VCR
AUX
3.3V or 5V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn