Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2125Q Datasheet(PDF) 13 Page - Sony Corporation

Part # CXA2125Q
Description  Audio/Video Switch with Electronic Volume for 3 Scart
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2125Q Datasheet(HTML) 13 Page - Sony Corporation

Back Button CXA2125Q Datasheet HTML 9Page - Sony Corporation CXA2125Q Datasheet HTML 10Page - Sony Corporation CXA2125Q Datasheet HTML 11Page - Sony Corporation CXA2125Q Datasheet HTML 12Page - Sony Corporation CXA2125Q Datasheet HTML 13Page - Sony Corporation CXA2125Q Datasheet HTML 14Page - Sony Corporation CXA2125Q Datasheet HTML 15Page - Sony Corporation CXA2125Q Datasheet HTML 16Page - Sony Corporation CXA2125Q Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
– 13 –
CXA2125Q
47
µF
BC547B
+12V
+9V
22
µF
SDA
SCL
+9V
+9V
+9V
1k
+12V
BC547B
1k
+12V
BC547B
1k
+12V
BC547B
1k
+12V
BC547B
1k
+12V
BC547B
1k
+12V
BC547B
1k
+12V
BC547B
Measurement
point
Measurement
point
V
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
20
21
22
23
24
25
26
27
28
29
30
31
32
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
17 18 19
33
34
35
CXA2125Q
V
Fig. 1. Video system (d.c. test)
d.c. measured from pins: 2, 4, 6, 8, 10, 13, 15, 17, 21, 23, 25, 39, 41, 44, 46, 47, 48, 49, 55, 57, 59, 61, 63
Notes) 1. All +9V supplies de-coupled close to supply pins, 20, 38, 60 with 10nF ceramic capacitor.
2. All video outputs are loaded with emitter follower during tests.


Similar Part No. - CXA2125Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2126 SONY-CXA2126 Datasheet
370Kb / 34P
   Audio/Video Switch with Electronic Volume for 2 Scart
CXA2126Q SONY-CXA2126Q Datasheet
370Kb / 34P
   Audio/Video Switch with Electronic Volume for 2 Scart
More results

Similar Description - CXA2125Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2126Q SONY-CXA2126Q Datasheet
370Kb / 34P
   Audio/Video Switch with Electronic Volume for 2 Scart
logo
Maxim Integrated Produc...
MAX9670 MAXIM-MAX9670_10 Datasheet
1,006Kb / 44P
   Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 1; 3/10
MAX9670 MAXIM-MAX9670 Datasheet
694Kb / 42P
   Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 0; 7/09
logo
Sony Corporation
CXA2078Q SONY-CXA2078Q Datasheet
568Kb / 35P
   I2C Bus-Compatible Audio/Video Switch with Electronic Volume
logo
Maxim Integrated Produc...
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4399 MAXIM-MAX4399_V01 Datasheet
452Kb / 33P
   Audio/Video Switch for Three SCART Connectors
19-2925; Rev 1; 7/06
MAX4399 MAXIM-MAX4399 Datasheet
544Kb / 33P
   Audio/Video Switch for Three SCART Connectors
Rev 0; 8/03
MAX4397 MAXIM-MAX4397_V01 Datasheet
452Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-3618; Rev 3; 5/07
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX9595 MAXIM-MAX9595 Datasheet
347Kb / 28P
   Audio/Video Switch for Dual SCART Connector
Rev 0; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com