Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA114TM3T5G Datasheet(PDF) 5 Page - ON Semiconductor

Part # DTA114TM3T5G
Description  Digital Transistors (BRT) R1 = 10 k, R2 =  k
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA114TM3T5G Datasheet(HTML) 5 Page - ON Semiconductor

  DTA114TM3T5G Datasheet HTML 1Page - ON Semiconductor DTA114TM3T5G Datasheet HTML 2Page - ON Semiconductor DTA114TM3T5G Datasheet HTML 3Page - ON Semiconductor DTA114TM3T5G Datasheet HTML 4Page - ON Semiconductor DTA114TM3T5G Datasheet HTML 5Page - ON Semiconductor DTA114TM3T5G Datasheet HTML 6Page - ON Semiconductor DTA114TM3T5G Datasheet HTML 7Page - ON Semiconductor DTA114TM3T5G Datasheet HTML 8Page - ON Semiconductor DTA114TM3T5G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MUN2115, MMUN2115L, MUN5115, DTA114TE, DTA114TM3, NSBA114TF3
http://onsemi.com
5
TYPICAL CHARACTERISTICS
MUN2115, MMUN2115L, MUN5115, DTA114TE, DTA114TM3
75°C
25°C
−25°C
Figure 2. VCE(sat) vs. IC
Figure 3. DC Current Gain
Figure 4. Output Capacitance
Figure 5. Output Current vs. Input Voltage
Vin, INPUT VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
Figure 6. Input Voltage vs. Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
50
40
20
10
0
IC, COLLECTOR CURRENT (mA)
100
10
1
100
10
1
0.001
1000
6
50
40
30
20
10
0
0
2
4
8
100
6
5
4
3
2
1
0
0.001
1
10
10
9
8
7
10
30
20
10
0
0.1
1
40
50
75°C
25°C
TA = −25°C
75°C
25°C
TA = −25°C
75°C
25°C
TA = −25°C
0.01
0.01
0.1
30
10
VCE = 10 V
f = 10 kHz
lE = 0 A
TA = 25°C
VO = 5 V
VO = 0.2 V
5
1
3
7
9
IC/IB = 10


Similar Part No. - DTA114TM3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA114TM3T5G ONSEMI-DTA114TM3T5G Datasheet
124Kb / 12P
   Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
February, 2004 ??Rev. 0
DTA114TM3T5G ONSEMI-DTA114TM3T5G Datasheet
149Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
March, 2013 ??Rev. 2
DTA114TM3T5G ONSEMI-DTA114TM3T5G Datasheet
182Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com