Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2112 Datasheet(PDF) 10 Page - Sony Corporation

Part # CXA2112
Description  LCD Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2112 Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA2112 Datasheet HTML 6Page - Sony Corporation CXA2112 Datasheet HTML 7Page - Sony Corporation CXA2112 Datasheet HTML 8Page - Sony Corporation CXA2112 Datasheet HTML 9Page - Sony Corporation CXA2112 Datasheet HTML 10Page - Sony Corporation CXA2112 Datasheet HTML 11Page - Sony Corporation CXA2112 Datasheet HTML 12Page - Sony Corporation CXA2112 Datasheet HTML 13Page - Sony Corporation CXA2112 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
– 10 –
CXA2112R
∗ Minimum VOUT1 to VOUT6 value subtracted from maximum VOUT1 to VOUT6 value.
Unless otherwise specified, pin setting conditions are as follows.
(48) OFFSET = 3.3V, (47) VIDEO_IN = 2.0V, (42) SID_OFST = 3.3V, (39) SID_IN = 2.3V,
(35) SIGCEN = 7.0V, (34) VCOMOFST = 0.0V, (1) POS_CNT1 = 0.0V, (2) POS_CNT2 = 0.0V,
(5) F/R_CNT = 5.0V, (10) S/12_CNT = 5.0V, (13) DIR_CNT = 5.0V, (49) DLY_CNT = 4.0V,
(52) INV_CNT = 5.0V, (44) FRP = 0.0V, fCLK = 65MHz


Similar Part No. - CXA2112

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2111R SONY-CXA2111R Datasheet
357Kb / 18P
   LCD Signal Processor (Gamma Correction)
CXA2119 SONY-CXA2119 Datasheet
129Kb / 9P
   Y color difference I/F
CXA2119M SONY-CXA2119M Datasheet
129Kb / 9P
   Y color difference I/F
More results

Similar Description - CXA2112

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA7000R SONY-CXA7000R Datasheet
278Kb / 23P
   LCD Driver
logo
Neotec Semiconductor Lt...
NT7107C NEOTEC-NT7107C Datasheet
547Kb / 21P
   LCD driver
Rev1.0 2015/08/17
NT7108C NEOTEC-NT7108C Datasheet
596Kb / 25P
   LCD driver
Rev1.0 2015/08/17
logo
Sanyo Semicon Device
LC7582 SANYO-LC7582 Datasheet
378Kb / 9P
   LCD Driver
logo
Sony Corporation
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
   LCD Driver
CXA3562R SONY-CXA3562R Datasheet
340Kb / 24P
   LCD Driver
logo
Neotec Semiconductor Lt...
NT7108D NEOTEC-NT7108D Datasheet
354Kb / 24P
   LCD driver
Rev 1.0 2015/08/12
logo
Sony Corporation
CXA3562AR SONY-CXA3562AR Datasheet
348Kb / 24P
   LCD Driver
logo
Neotec Semiconductor Lt...
NT7063B NEOTEC-NT7063B Datasheet
313Kb / 11P
   LCD Driver
Version 1.3
NT7107D NEOTEC-NT7107D Datasheet
367Kb / 21P
   LCD driver
Rev1.0 2015/08/12
NT7086PQ NEOTEC-NT7086PQ Datasheet
672Kb / 31P
   LCD Driver
Version 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com