Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2108 Datasheet(PDF) 9 Page - Sony Corporation

Part # CXA2108
Description  Constant-Current Driver for Full Color LED Display
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2108 Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXA2108 Datasheet HTML 5Page - Sony Corporation CXA2108 Datasheet HTML 6Page - Sony Corporation CXA2108 Datasheet HTML 7Page - Sony Corporation CXA2108 Datasheet HTML 8Page - Sony Corporation CXA2108 Datasheet HTML 9Page - Sony Corporation CXA2108 Datasheet HTML 10Page - Sony Corporation CXA2108 Datasheet HTML 11Page - Sony Corporation CXA2108 Datasheet HTML 12Page - Sony Corporation CXA2108 Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
– 9 –
CXA2108AQ
Electrical Characteristics
(AVCC, DVCC = +5V, VPD = +10V, AGND, DGND, IGND = 0V)
PWM output resolution
bit
10
Drive current setting resolution
Coarse Adj.
bit
2
Fine Adj.
bit
8
DLE
±0.8
Io (FFh) = 60mA
(D0 [LSB] to D7 [MSB] = FFh)
DC characteristics
Differential linearity error
LSB
fCLK
15
PWM reference clock frequency
MHz
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Driver block
VREXT
1365
1235
Rext = 2k
REXT pin voltage
mV
1300
∆VREXT
20
0
VREXT (@AVCC = 5.25V)
– VREXT (@AVCC = 4.75V)
REXT pin voltage
Supply voltage dependency
mV
ICC
30
20
Rext = 2k
Ω, D8 = D9 = 0
Note) Excluding the driver block
Standby supply current
mA
IOUT
70
Output current
mA
Output compliance voltage
Logic block
Digital input current (I, I/O)
Vcmp
VPD + 0.3
1
Io = 0 to 70mA
V
(H)
IIH
5
–5
VIN = 5V
µA
(L)
IIL
5
–5
VIN = 0V
µA
Digital input voltage (I, I/O)
(H)
VIH
DVCC + 0.3
0.7DVCC
V
(L)
VIL
0.3DVCC
–0.3
V
Digital output voltage (O)
(H)
VOH
4
DVCC = 5V, IOH = –2mA
V
(L)
VOL
0.4
DVCC = 5V, IOL = 4mA
V
Digital output voltage (I/O)
(H)
VOZH
3.7
DVCC = 5V, IOH = –2mA
V
(L)
VOZL
0.4
DVCC = 5V, IOL = 4mA
V
RAM write mode
Write cycle
TWR
133.3
ns
Write pulse width
TCWR
55
ns
Setup time
TSWR
10
ns
Hold time
THWR
10
ns
RAM read mode
Read cycle
TRD
133.3
ns
Read pulse width
TCRD
55
ns
Setup time
TSRD
10
ns
Hold time
THRD
10
ns
Output delay time
TPDD
100
Output load 50pF or less
ns


Similar Part No. - CXA2108

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2108 SONY-CXA2108 Datasheet
288Kb / 28P
   Constant-Current Driver for Full Color LED Display
CXA2108Q SONY-CXA2108Q Datasheet
288Kb / 28P
   Constant-Current Driver for Full Color LED Display
More results

Similar Description - CXA2108

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2108Q SONY-CXA2108Q Datasheet
288Kb / 28P
   Constant-Current Driver for Full Color LED Display
logo
Omron Electronics LLC
W2RV005RM OMRON-W2RV005RM Datasheet
470Kb / 6P
   Most Suitable Constant Current IC for Driving Full Color LED
logo
ShenZhen Jing Handa Ele...
P10-SIO JHD-P10-SIO Datasheet
95Kb / 2P
   Full-color outdoor LED Display
P6-SII JHD-P6-SII Datasheet
100Kb / 2P
   Full-Color Indoor LED Display
P10-SIO JHD-P10-SIO Datasheet
95Kb / 2P
   Full-Color outdoor LED Display
P16-SIO JHD-P16-SIO Datasheet
100Kb / 3P
   Full-Color outdoor LED Display
logo
Texas Instruments
TLC6C5712-Q1 TI1-TLC6C5712-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   12-Channel, Full-Diagnostic, Constant-Current-Sink LED Driver
TLC6C5716-Q1 TI1-TLC6C5716-Q1 Datasheet
627Kb / 49P
[Old version datasheet]   Automotive 16-Channel, Full Diagnostics, Constant-Current LED Driver
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com