Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBZ27VCWT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MMBZ27VCWT1G
Description  40 Watt Peak Power Zener Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MMBZ27VCWT1G Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2008
May, 2008 − Rev. 0
1
Publication Order Number:
MMBZ27VCW/D
MMBZ27VCWT1G
40 Watt Peak Power
Zener Transient Voltage
Suppressors
SC−70 Dual Common Cathode Zeners
for ESD Protection
These dual monolithic silicon zener diodes are designed for
applications requiring transient overvoltage protection capability. They
are intended for use in voltage and ESD sensitive equipment such as
computers, printers, business machines, communication systems,
medical equipment and other applications. Their dual junction common
cathode design protects two separate lines using only one package.
These devices are ideal for situations where board space is at a
premium.
Specification Features:
SC−70 Package Allows Either Two Separate Unidirectional
Configurations or a Single Bidirectional Configuration
Working Peak Reverse Voltage Range − 22 V
Standard Zener Breakdown Voltage − 27 V
Peak Power − 40 W @ 1.0 ms (Bidirectional),
per Figure 4 Waveform
ESD Rating of Class N (exceeding 16 kV) per the Human
Body Model
Low Leakage < 100 nA
Flammability Rating: UL 94 V−O
This is a Pb−Free Device
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic case
FINISH:
Corrosion resistant finish, easily solderable
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
SC−70
CASE 419
STYLE 4
1
3
2
PIN 1. ANODE
2. ANODE
3. CATHODE
Device
Package
Shipping
ORDERING INFORMATION
MARKING
DIAGRAM
AC
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
AC MG
G
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
MMBZ27VCWT1G
SC−70
(Pb−Free)
3000/Tape & Reel


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn