Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFPTL15L1000FH5T Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TFPTL15L1000FH5T
Description  Radial Leaded PTC - Nickel Thin Film Linear Thermistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFPTL15L1000FH5T Datasheet(HTML) 4 Page - Vishay Siliconix

  TFPTL15L1000FH5T Datasheet HTML 1Page - Vishay Siliconix TFPTL15L1000FH5T Datasheet HTML 2Page - Vishay Siliconix TFPTL15L1000FH5T Datasheet HTML 3Page - Vishay Siliconix TFPTL15L1000FH5T Datasheet HTML 4Page - Vishay Siliconix TFPTL15L1000FH5T Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TFPTL
Radial Leaded PTC - Nickel Thin Film Linear Thermistors
Vishay
Document Number: 33027
For technical questions, contact: nlr@vishay.com
www.vishay.com
Revision: 25-Oct-11
4
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATIO FORMULA
RT = R25 x (9.0014 x 10-1 + 3.87235 x 10-3 (°C)-1 x T + 4.86825 x 10-6 (°C)-2 x T2 + 1.37559 x 10-9 (°C)-3 x T3)
T(°C) = 28.54 x (RT/R25)3 - 158.5 x (RT/R25)2 + 474.8 x (RT/R25) - 319.85)
Ratio Tolerance Examples:
At 40 °C, ratio = 1.063 ± 0.5 % (0.005)
so, ratio = 1.058 to 1.068
At 125 °C, ratio = 1.460 ± 3 % (0.044)
so, ratio = 1.416 to 1.504
RATIO TOLERANCES
LOW TEMP.
HIGH TEMP.
TOL.
- 55 °C
+ 150 °C
± 4 %
- 40 °C
+ 125 °C
± 3 %
- 20 °C
+ 85 °C
± 2 %
0 °C
+ 55 °C
± 1 %
+ 12 °C
+ 40 °C
± 0.5 %
- 75
- 50
- 25
0
25
50
75
100
125
150
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.6
1.5
1.7
Temperature in °C
Ratio
R
T/R25
Max.
Min.
Max.
Min.
- 75
- 50
- 25
0
25
50
75
100
150
Temperature in °C
TCR Typical Value
3600
3700
3800
3900
4000
4100
4200
4300
4400
4600
4500
4800
4700
125


Similar Part No. - TFPTL15L1000FH5T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFPTL VISHAY-TFPTL Datasheet
497Kb / 5P
   Nickel thin film PTC element
Revision: 25-Oct-11
TFPTL VISHAY-TFPTL Datasheet
495Kb / 5P
   Radial Leaded PTC - Nickel Thin Film Linear Thermistors
01-Jan-2022
TFPTL VISHAY-TFPTL_V01 Datasheet
495Kb / 5P
   Radial Leaded PTC - Nickel Thin Film Linear Thermistors
01-Jan-2022
More results

Similar Description - TFPTL15L1000FH5T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFPTL VISHAY-TFPTL_V01 Datasheet
495Kb / 5P
   Radial Leaded PTC - Nickel Thin Film Linear Thermistors
01-Jan-2022
TFPT1206L1002JV VISHAY-TFPT1206L1002JV Datasheet
88Kb / 5P
   SMD PTC - Nickel Thin Film Linear Thermistors
Revision: 22-Mar-11
TFPT VISHAY-TFPT_V01 Datasheet
118Kb / 5P
   SMD PTC - Nickel Thin Film Linear Thermistors
01-Jan-2022
TFPT0805L5001FY VISHAY-TFPT0805L5001FY Datasheet
88Kb / 5P
   SMD PTC - Nickel Thin Film Linear Thermistors
Revision: 22-Mar-11
TFPT VISHAY-TFPT_17 Datasheet
103Kb / 5P
   SMD PTC - Nickel Thin Film Linear Thermistors
Revision: 30-Aug-16
TFPTL VISHAY-TFPTL Datasheet
497Kb / 5P
   Nickel thin film PTC element
Revision: 25-Oct-11
logo
Bel Fuse Inc.
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
30R LITTELFUSE-30R Datasheet
116Kb / 2P
   Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRE BEL-0ZRE Datasheet
316Kb / 2P
   Radial Leaded PTC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com