Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGJ3E3X7R0F101J Datasheet(PDF) 8 Page - TDK Electronics

Part # CGJ3E3X7R0F101J
Description  CGJ series l High Reliability Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGJ3E3X7R0F101J Datasheet(HTML) 8 Page - TDK Electronics

Back Button CGJ3E3X7R0F101J Datasheet HTML 4Page - TDK Electronics CGJ3E3X7R0F101J Datasheet HTML 5Page - TDK Electronics CGJ3E3X7R0F101J Datasheet HTML 6Page - TDK Electronics CGJ3E3X7R0F101J Datasheet HTML 7Page - TDK Electronics CGJ3E3X7R0F101J Datasheet HTML 8Page - TDK Electronics CGJ3E3X7R0F101J Datasheet HTML 9Page - TDK Electronics CGJ3E3X7R0F101J Datasheet HTML 10Page - TDK Electronics CGJ3E3X7R0F101J Datasheet HTML 11Page - TDK Electronics CGJ3E3X7R0F101J Datasheet HTML 12Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TDK
• 8
TDK MLCC Presentation
CGJ series l High Reliability Series- Features -
Features:
CGJ series
RFID Label
Premium Level Service
Certificate of Compliance
Anti-Counterfeit
Increased Evaluation
To promote extended life
AEC Q-200
Select MIL-STD
Customer priority backed by local US factory. TDK offers
the highest level of customer service for claims, technical
data and inventory needs for CGJ Series products.
The seal to assist in the identification of authentic TDK CGJ products.
The condition of the seal also indicates if the product
has been tampered with in the supply chain
Documentation is provided for each CGJ lot online:
RFID Label to allow integration with inventory
management programs
http://www.tdk.com/product-validation.php


Similar Part No. - CGJ3E3X7R0F101J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ3E3X7R1C105K080AB TDK-CGJ3E3X7R1C105K080AB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
CGJ3E3X7R1C105K080AB TDK-CGJ3E3X7R1C105K080AB_17 Datasheet
238Kb / 3P
   Multilayer Ceramic Chip Capacitors
CGJ3E3X7R1C684K080AB TDK-CGJ3E3X7R1C684K080AB Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E3X7R1C684K080AB TDK-CGJ3E3X7R1C684K080AB_17 Datasheet
237Kb / 3P
   Multilayer Ceramic Chip Capacitors
CGJ3E3X7R1E334K080AB TDK-CGJ3E3X7R1E334K080AB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CGJ3E3X7R0F101J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
J5L2X7R1A106K160AA TDK-J5L2X7R1A106K160AA Datasheet
1Mb / 11P
   CGJ Series High Reliability Grade General (Up to 50V)
CGHJ5L2X7R1A106KTXXXX TDK-CGHJ5L2X7R1A106KTXXXX Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
CGJ2B2C0G1H101J TDK-CGJ2B2C0G1H101J Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
logo
Rohm
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
logo
TRIAD MAGNETICS
SP-5 TRIAD-SP-5 Datasheet
159Kb / 1P
   High Reliability : Red Spec Series
SP-20 TRIAD-SP-20 Datasheet
161Kb / 1P
   High Reliability : Red Spec Series
SP-29 TRIAD-SP-29 Datasheet
159Kb / 1P
   High Reliability : Red Spec Series
SP-48 TRIAD-SP-48_13 Datasheet
162Kb / 1P
   High Reliability : Red Spec Series
SP-67 TRIAD-SP-67_13 Datasheet
161Kb / 1P
   High Reliability : Red Spec Series
SP-22 TRIAD-SP-22 Datasheet
160Kb / 1P
   High Reliability : Red Spec Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com