Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2089 Datasheet(PDF) 7 Page - Sony Corporation

Part # CXA2089
Description  S2-Compatible 5-Input 2-Output Audio/Video Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2089 Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA2089 Datasheet HTML 3Page - Sony Corporation CXA2089 Datasheet HTML 4Page - Sony Corporation CXA2089 Datasheet HTML 5Page - Sony Corporation CXA2089 Datasheet HTML 6Page - Sony Corporation CXA2089 Datasheet HTML 7Page - Sony Corporation CXA2089 Datasheet HTML 8Page - Sony Corporation CXA2089 Datasheet HTML 9Page - Sony Corporation CXA2089 Datasheet HTML 10Page - Sony Corporation CXA2089 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
– 7 –
CXA2089Q/S
27 (33) SDA
I2C bus signal input
VILmax = 1.5V
VIHmin = 3.0V
VOLmax = 0.4V
VCC
4k
27
26 (32) SCL
I2C bus signal input
VILmax = 1.5V
VIHmin = 3.0V
VCC
4k
10k
26
28 (34) DC OUT
Outputs the S2-compatible DC
superimposed onto the COUT2
output. The DC is superimposed by
connecting this pin to the COUT2
output via a capacitor.
Control is performed by the I2C bus.
When 0V is output, Q1 is ON and
the impedance is 5k
Ω.
S2 protocol output DC impedance of
10 ± 3k
Ω is realized by attaching
external resistance of 4.7k
Ω.
DC OUT (bus)
Output DC
0
4.5V
1
0V
2
1.9V
3
4.5V
VCC
100
1k
42
42 (48) TRAP1
3.8V
Connects trap circuit for subcarrier.
VCC
4k
28k
1k
Q1
28
35 (41) MUTE
Audio signal output mute.
Mute OFF at 1.5V or less
Mute ON at 2.5V or more
Mute OFF when open
VCC
147
28k
72k
35
37 (43) BIAS
4.5V
Internal reference bias (Vcc/2).
Connects to GND via a capacitor.
VCC
VCC
147
20k
VCC
20k
37
Pin
No.
Symbol
Pin
voltage
Equivalent circuit
Description


Similar Part No. - CXA2089

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CXA20 ARTESYN-CXA20 Datasheet
57Kb / 3P
   20W DC/DC Converters
logo
Emerson Network Power
CXA20 EMERSON-NETWORKPOWER-CXA20 Datasheet
126Kb / 3P
   20 W DC-DC Converters
logo
Artesyn Technologies
CXA20-48D05 ARTESYN-CXA20-48D05 Datasheet
57Kb / 3P
   20W DC/DC Converters
logo
Emerson Network Power
CXA20-48D05J EMERSON-NETWORKPOWER-CXA20-48D05J Datasheet
126Kb / 3P
   20 W DC-DC Converters
logo
Artesyn Technologies
CXA20-48D05J ARTESYN-CXA20-48D05J Datasheet
132Kb / 3P
   20 W DC-DC Converters
More results

Similar Description - CXA2089

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2079Q SONY-CXA2079Q Datasheet
387Kb / 20P
   S2-Compatible 6-Input 2-Output Audio/Video Switch
CXA2069Q SONY-CXA2069Q Datasheet
445Kb / 19P
   S2-Compatible 7-Input 3-Output Audio/Video Switch
logo
New Japan Radio
NJM2596 NJRC-NJM2596 Datasheet
65Kb / 7P
   5-INPUT 3-OUTPUT VIDEO SWITCH FOR S2
logo
Mitsumi Electronics, Co...
MM1120 MITSUMI-MM1120 Datasheet
126Kb / 5P
   2-Input 2-Output Video Switch
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2595 NJRC-NJM2595 Datasheet
585Kb / 9P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2296 NJRC-NJM2296 Datasheet
281Kb / 8P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
   2-INPUT 1-OUTPUT VIDEO SWITCH???
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
   2-Input 1-Output Video Switch
logo
New Japan Radio
NJM2520 NJRC-NJM2520 Datasheet
124Kb / 3P
   2-INPUT 1-OUTPUT AUDIO SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com