Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2089Q Datasheet(PDF) 8 Page - Sony Corporation

Part # CXA2089Q
Description  S2-Compatible 5-Input 2-Output Audio/Video Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2089Q Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA2089Q Datasheet HTML 4Page - Sony Corporation CXA2089Q Datasheet HTML 5Page - Sony Corporation CXA2089Q Datasheet HTML 6Page - Sony Corporation CXA2089Q Datasheet HTML 7Page - Sony Corporation CXA2089Q Datasheet HTML 8Page - Sony Corporation CXA2089Q Datasheet HTML 9Page - Sony Corporation CXA2089Q Datasheet HTML 10Page - Sony Corporation CXA2089Q Datasheet HTML 11Page - Sony Corporation CXA2089Q Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
– 8 –
CXA2089Q/S
Electrical Characteristics
(Ta = 25°C, VCC = 9V)
Item
Current consumption
ICC
No signal, no load
30
45
62
mA
Symbol
Conditions
Min.
Typ.
Max.
Unit
Video system (Measurement circuit; Fig. 1)
Gain
Frequency response
characteristics
Frequency response
characteristics
(Y/C mix)
Input dynamic range
Cross talk
GVv
FBWv1
FBWv2
Ddv
Vctv
f = 100kHz, 0.3Vp-p input
f = 100kHz, input frequency where
output amplitude is –3dB with 0.3Vp-p
output serving as 0dB
f = 100kHz,
maximum with distortion < 1.0%
f = 4.43MHz, 1Vp-p input
5.9
15
10
1.4
6.4
20
15
6.9
–50
dB
MHz
MHz
Vp-p
dB
Audio system (Measurement circuits; Fig. 2 to Fig. 5)
Gain
Frequency response
characteristics
Total harmonic
distortion
Input dynamic range
Cross talk
Ripple rejection ratio
Output DC offset
Residual noise
S/N ratio
GVA
FBWA
THD
DdA
VctA
VctA
Voff
VNA
S/N
f = 1kHz, 1Vp-p input,
5.7k
Ω resistor inserted to input
f = 1kHz, input frequency where
output amplitude is –3dB with 1Vp-p
output serving as 0dB
f=1kHz, 2.2Vp-p input, where 400Hz
HPF + 80kHz LPF are inserted
f=1kHz, maximum with distortion < 0.3%
f=1kHz, 1Vp-p input
f=100Hz, 0.3Vp-p applied to Vcc
Offset voltage between input and
output
When 400Hz HPF+ 30kHz LPF are
inserted
f=1kHz, 1Vrms input
When 400Hz HPF + 30kHz LPF are
inserted
–1
50
2.8
–30
0
0
0.03
3.0
–90
–55
20
–100
1
0.05
–80
–40
30
30
–90
dB
kHz
%
Vrms
dB
dB
mV
µVrms
dB


Similar Part No. - CXA2089Q

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CXA20 ARTESYN-CXA20 Datasheet
57Kb / 3P
   20W DC/DC Converters
logo
Emerson Network Power
CXA20 EMERSON-NETWORKPOWER-CXA20 Datasheet
126Kb / 3P
   20 W DC-DC Converters
logo
Artesyn Technologies
CXA20-48D05 ARTESYN-CXA20-48D05 Datasheet
57Kb / 3P
   20W DC/DC Converters
logo
Emerson Network Power
CXA20-48D05J EMERSON-NETWORKPOWER-CXA20-48D05J Datasheet
126Kb / 3P
   20 W DC-DC Converters
logo
Artesyn Technologies
CXA20-48D05J ARTESYN-CXA20-48D05J Datasheet
132Kb / 3P
   20 W DC-DC Converters
More results

Similar Description - CXA2089Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2079Q SONY-CXA2079Q Datasheet
387Kb / 20P
   S2-Compatible 6-Input 2-Output Audio/Video Switch
CXA2069Q SONY-CXA2069Q Datasheet
445Kb / 19P
   S2-Compatible 7-Input 3-Output Audio/Video Switch
logo
New Japan Radio
NJM2596 NJRC-NJM2596 Datasheet
65Kb / 7P
   5-INPUT 3-OUTPUT VIDEO SWITCH FOR S2
logo
Mitsumi Electronics, Co...
MM1120 MITSUMI-MM1120 Datasheet
126Kb / 5P
   2-Input 2-Output Video Switch
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2595 NJRC-NJM2595 Datasheet
585Kb / 9P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2296 NJRC-NJM2296 Datasheet
281Kb / 8P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
   2-INPUT 1-OUTPUT VIDEO SWITCH???
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
   2-Input 1-Output Video Switch
logo
New Japan Radio
NJM2520 NJRC-NJM2520 Datasheet
124Kb / 3P
   2-INPUT 1-OUTPUT AUDIO SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com