Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV2931AD.5.0R2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV2931AD.5.0R2G
Description  100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV2931AD.5.0R2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV2931AD.5.0R2G Datasheet HTML 4Page - ON Semiconductor NCV2931AD.5.0R2G Datasheet HTML 5Page - ON Semiconductor NCV2931AD.5.0R2G Datasheet HTML 6Page - ON Semiconductor NCV2931AD.5.0R2G Datasheet HTML 7Page - ON Semiconductor NCV2931AD.5.0R2G Datasheet HTML 8Page - ON Semiconductor NCV2931AD.5.0R2G Datasheet HTML 9Page - ON Semiconductor NCV2931AD.5.0R2G Datasheet HTML 10Page - ON Semiconductor NCV2931AD.5.0R2G Datasheet HTML 11Page - ON Semiconductor NCV2931AD.5.0R2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LM2931, NCV2931 Series
http://onsemi.com
8
VO, OUTPUT VOLTAGE (V)
1.160
1.180
1.200
1.220
1.240
0
3.0
6.0
9.0
12
15
18
21
24
18.5
14
t, TIME (10
ms/DIV)
Vout = 5.0 V
RL = 500 W
CO = 100 mF
CO(ESR) = 0.3 W
TA = 25°C
100
0
t, TIME (10
ms/DIV)
VO, OUTPUT VOLTAGE (V)
2.0
2.1
2.2
0
3.0
6.0
9.0
12
15
18
21
24
Output “On"
Output “Off"
2.4
2.5
2.6
2.3
LM2931C Adjustable
IO = 10 mA
Vin = Vout + 1.0 V
TA = 25°C
Vin = 14 V
Vout = 5.0 V
Cin = 1000 mF
CO = 100 mF
CO(ESR) = 0.3 W
TA = 25°C
LM2931C Adjustable
IO = 10 mA
Vin = Vout + 1.0 V
TA = 25°C
Figure 13. Line Regulation
Figure 14. Load Regulation
Figure 15. Reference Voltage versus Output Voltage
Figure 16. Output Inhibit−Thresholds
versus Output Voltage
APPLICATIONS INFORMATION
The LM2931 series regulators are designed with many
protection features making them essentially blow−out
proof. These features include internal current limiting,
thermal shutdown, overvoltage and reverse polarity input
protection, and the capability to withstand temporary
power−up with mirror−image insertion. Typical application
circuits for the fixed and adjustable output device are shown
in Figures 17 and 18.
The input bypass capacitor Cin is recommended if the
regulator is located an appreciable distance (
≥ 4″) from the
supply input filter. This will reduce the circuit’s sensitivity
to the input line impedance at high frequencies.
This regulator series is not internally compensated and
thus requires an external output capacitor for stability. The
capacitance value required is dependent upon the load
current, output voltage for the adjustable regulator, and the
type of capacitor selected. The least stable condition is
encountered at maximum load current and minimum output
voltage. Figure 22 shows that for operation in the “Stable”
region, under the conditions specified, the magnitude of the
output capacitor impedance |ZO| must not exceed 0.4 W. This
limit must be observed over the entire operating temperature
range of the regulator circuit.
With economical electrolytic capacitors, cold temperature
operation can pose a serious stability problem. As the
electrolyte freezes, around −30
°C, the capacitance will
decrease and the equivalent series resistance (ESR) will
increase drastically, causing the circuit to oscillate. Quality
electrolytic capacitors with extended temperature ranges of
−40
° to +85°C and −55° to +105°C are readily available.
Solid tantalum capacitors may be a better choice if small size
is a requirement, however, the maximum
⏐ZO⏐ limit over
temperature must be observed.
Note that in the stable region, the output noise voltage is
linearly proportional to
⏐ZO. In effect, CO dictates the high
frequency roll−off point of the circuit. Operation in the area
titled “Marginally Stable” will cause the output of the
regulator to exhibit random bursts of oscillation that decay
in an under−damped fashion. Continuous oscillation occurs
when operating in the area titled “Unstable”. It is suggested
that oven testing of the entire circuit be performed with
maximum load, minimum input voltage, and minimum
ambient temperature.


Similar Part No. - NCV2931AD.5.0R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV2931AD-5.0R2 ONSEMI-NCV2931AD-5.0R2 Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
NCV2931AD-5.0R2G ONSEMI-NCV2931AD-5.0R2G Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
More results

Similar Description - NCV2931AD.5.0R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2931 ONSEMI-LM2931_13 Datasheet
329Kb / 23P
   100 mA, Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection
April, 2013 ??Rev. 26
LM2931 ONSEMI-LM2931_07 Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
   300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
logo
HuaXinAn Electronics CO...
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
   Output Adjustable Voltage LDO Regulator
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com