Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100E016 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC100E016
Description  5.0 VECL 8.Bit Synchronous Binary Up Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E016 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC100E016 Datasheet HTML 2Page - ON Semiconductor MC100E016 Datasheet HTML 3Page - ON Semiconductor MC100E016 Datasheet HTML 4Page - ON Semiconductor MC100E016 Datasheet HTML 5Page - ON Semiconductor MC100E016 Datasheet HTML 6Page - ON Semiconductor MC100E016 Datasheet HTML 7Page - ON Semiconductor MC100E016 Datasheet HTML 8Page - ON Semiconductor MC100E016 Datasheet HTML 9Page - ON Semiconductor MC100E016 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC10E016, MC100E016
http://onsemi.com
6
Table 9. 100E SERIES NECL DC CHARACTERISTICS VCCx = 0.0 V; VEE = −5.0 V (Note 7)
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
151
181
151
181
174
208
mA
VOH
Output HIGH Voltage (Note 8)
−1025
−950
−880
−1025
−950
−880
−1025
−950
−880
mV
VOL
Output LOW Voltage (Note 8)
−1810 −1705 −1620 −1810 −1745 −1620 −1810 −1740 −1620
mV
VIH
Input HIGH Voltage
−1165 −1025
−880
−1165 −1025
−880
−1165 −1025
−880
mV
VIL
Input LOW Voltage
−1810 −1645 −1475 −1810 −1645 −1475 −1810 −1645 −1475
mV
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.5
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
7. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V.
8. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
Table 10. AC CHARACTERISTICS VCCx= 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 9)
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fMAX
Maximum Toggle Frequency
700
700
700
MHz
fCOUNT
Maximum Count Frequency
700
900
700
900
700
900
MHz
tPLH, tPHL Propagation Delay to Output
ps
CLK to Q
500
725
900
500
725
900
500
725
900
MR to Q
500
775
900
500
775
900
500
775
900
CLK to TC
500
775
900
500
775
900
500
775
900
MR to TC
500
775
900
500
775
900
500
775
900
ts
Setup Time (to CLK +)
ps
Pn
150
−30
150
−30
150
−30
CE
600
400
600
400
600
400
PE
600
400
600
400
600
400
TCLD
500
300
500
300
500
300
th
Hold Time (to CLK +)
Pn
350
100
350
100
350
100
CE
400
200
400
200
400
200
PE
0
200
0
200
0
200
TCLD
100
−300
100
−300
100
−300
tRR
Reset Recovery Time
900
700
900
700
900
700
ps
tPW
Minimum Pulse Width
ps
CLK, MR
400
400
400
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
tr, tf
Rise/Fall Times (20 − 80%)
200
510
700
200
510
700
200
510
700
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
9. 10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.


Similar Part No. - MC100E016

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E016 ONSEMI-MC100E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
MC100E016 ONSEMI-MC100E016 Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC100E016FN ONSEMI-MC100E016FN Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC100E016FNG ONSEMI-MC100E016FNG Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC100E016FNG ONSEMI-MC100E016FNG Datasheet
183Kb / 11P
   5.0VECL8?륛it Synchronous Binary Up Counter
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com